Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8P1602AS Datasheet(PDF) 73 Page - SONiX Technology Company

Part # SN8P1602AS
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AS Datasheet(HTML) 73 Page - SONiX Technology Company

Back Button SN8P1602AS Datasheet HTML 69Page - SONiX Technology Company SN8P1602AS Datasheet HTML 70Page - SONiX Technology Company SN8P1602AS Datasheet HTML 71Page - SONiX Technology Company SN8P1602AS Datasheet HTML 72Page - SONiX Technology Company SN8P1602AS Datasheet HTML 73Page - SONiX Technology Company SN8P1602AS Datasheet HTML 74Page - SONiX Technology Company SN8P1602AS Datasheet HTML 75Page - SONiX Technology Company SN8P1602AS Datasheet HTML 76Page - SONiX Technology Company SN8P1602AS Datasheet HTML 77Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 73
Revision 1.94
I/O PORT MODE
The port direction is programmed by PnM register. Port 0 is always input mode. Port 1 and Port 2 can select input or
output direction. The each bit of PnM is set to “0”, the I/O pin is input mode. The each bit of PnM is set to “1”, the I/O
pin is output mode.
SN8P1602/1603
0C1H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1M
0
0
0
P14M
P13M
P12M
P11M
P10M
Read/Write
-
-
-
R/W
R/W
R/W
R/W
R/W
After reset
-
-
-
0
0
0
0
0
SN8P1604
0C1H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1M
P17M
P16M
P15M
P14M
P13M
P12M
P11M
P10M
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
SN8P1602/1603/1604
0C2H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P2M
P27M
P26M
P25M
P24M
P23M
P22M
P21M
P20M
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
SN8P1604
0C5H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P5M
0
0
0
0
P53M
P52M
P51M
P50M
Read/Write
-
-
-
-
R/W
R/W
R/W
R/W
After reset
-
-
-
-
0
0
0
0
The PnM registers are read/write bi-direction registers. Users can program them by bit control
instructions (B0BSET, B0BCLR).
Example: I/O mode selecting.
CLR
P1M
; Set all ports to be input mode.
CLR
P2M
MOV
A, #0FFH
; Set all ports to be output mode.
B0MOV
P1M, A
B0MOV
P2M, A
B0BCLR
P1M.2
; Set P1.2 to be input mode.
B0BSET
P1M.2
; Set P1.2 to be output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com