Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2227MDREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2227MDREP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2227MDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2227MDREP Datasheet HTML 3Page - Texas Instruments OPA2227MDREP Datasheet HTML 4Page - Texas Instruments OPA2227MDREP Datasheet HTML 5Page - Texas Instruments OPA2227MDREP Datasheet HTML 6Page - Texas Instruments OPA2227MDREP Datasheet HTML 7Page - Texas Instruments OPA2227MDREP Datasheet HTML 8Page - Texas Instruments OPA2227MDREP Datasheet HTML 9Page - Texas Instruments OPA2227MDREP Datasheet HTML 10Page - Texas Instruments OPA2227MDREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
QUIESCENT CURRENT vs SUPPLY VOLTAGE
20
Supply Voltage (±V)
0
2
4
6
8
10
12
14
16
18
3.8
3.6
3.4
3.2
3.0
2.8
SLEW RATE vs TEMPERATURE
125
Temperature ( °C)
–75
–50
–25
0
25
50
75
100
3.0
2.5
2.0
1.5
1.0
0.5
0
Negative Slew Rate
R
LOAD = 2kΩ
C
LOAD = 100pF
Positive Slew Rate
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
CHANGE IN INPUT BIAS CURRENT
vs POWER SUPPLY VOLTAGE
Curve shows normalized change in bias current
with respect to V
S = ±10V. Typical I B may range
from –2nA to +2nA at V
S = ±10V.
CHANGE IN INPUT BIAS CURRENT
vs COMMON-MODE VOLTAGE
15
Common-Mode Voltage (V)
–15
–10
–5
0
5
10
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
V
S = ±15V
V
S = ±5V
Curve shows normalized change in bias current
with respect to V
CM = 0V. Typical I B may range
from –2nA to +2nA at V
CM = 0V.
100
10
1
±1
±10
±100
Gain (V/V)
SETTLING TIME vs CLOSED-LOOP GAIN
0.01%
0.1%
V
S = ±15V, 10V Step
C
L = 1500pF
R
L = 2kΩ
QUIESCENT CURRENT vs TEMPERATURE
100
120 140
Temperature ( °C)
–60
–40
–20
0
20
40
60
80
5.0
4.5
4.0
3.5
3.0
2.5
±10V
±5V
±2.5V
±18V
±15V
±12V
OPA2227-EP
www.ti.com
SBOS594 – MARCH 2012
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, RL = 10 kΩ, VS = ±15 V (unless otherwise noted).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA2227-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com