Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07DP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OP07DP
Description  Low Offset, Low Drift Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OP07DP Datasheet(HTML) 3 Page - Texas Instruments

  OP07DP Datasheet HTML 1Page - Texas Instruments OP07DP Datasheet HTML 2Page - Texas Instruments OP07DP Datasheet HTML 3Page - Texas Instruments OP07DP Datasheet HTML 4Page - Texas Instruments OP07DP Datasheet HTML 5Page - Texas Instruments OP07DP Datasheet HTML 6Page - Texas Instruments OP07DP Datasheet HTML 7Page - Texas Instruments OP07DP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
g
22V
Internal Power Dissipation (Note 5)
500 mW
Differential Input Voltage
g
30V
Input Voltage (Note 6)
g
22V
Output Short-Circuit Duration
Continuous
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 60 sec)
260 C
Junction Temperature
b
65 Cto a150 C
Operating Temperature Range
OP-07E OP-07C OP-07D
0 Cto a70 C
Simplified Schematic
TLH10550 – 3
R2A and R2B are electronically trimmed on chip at the factory for minimum offset voltage
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com