Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07DP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OP07DP
Description  Low Offset, Low Drift Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OP07DP Datasheet(HTML) 5 Page - Texas Instruments

  OP07DP Datasheet HTML 1Page - Texas Instruments OP07DP Datasheet HTML 2Page - Texas Instruments OP07DP Datasheet HTML 3Page - Texas Instruments OP07DP Datasheet HTML 4Page - Texas Instruments OP07DP Datasheet HTML 5Page - Texas Instruments OP07DP Datasheet HTML 6Page - Texas Instruments OP07DP Datasheet HTML 7Page - Texas Instruments OP07DP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Electrical Characteristics
Unless otherwise specified VS e g15V TA e 25 C Boldface type refers to limits over 0 C s TA s a 70 C
Symbol
Parameter
Conditions
OP-07D
Units
Min
Typ
Max
VOS
Input Offset Voltage
(Note 1)
60
150
m
V
85
250
VOSt
Long-Term VOS Stability
(Note 2)
05
30
m
VMo
IOS
Input Offset Current
08
60
nA
16
80
IB
Input Bias Current
g
20
g
120
nA
g
30
g
140
enp-p
Input Noise Voltage
01 Hz to 10 Hz (Note 3)
038
065
m
Vp-p
en
Input Noise Voltage Density
fO e 10 Hz
105
200
fO e 100 Hz (Note 3)
103
135
nV
0Hz
fO e 1000 Hz
98
115
inp-p
Input Noise Current
01 Hz to 10 Hz (Note 3)
15
35
pAp-p
in
Input Noise Current Density
fO e 10 Hz
035
090
pA
0Hz
fO e 100 Hz (Note 3)
015
027
fO e 1000 Hz
013
018
RIN
Input Resistance Differential-Mode
(Note 4)
7
31
MX
RINCM
Input Resistance Common-Mode
120
GX
IVR
Input Voltage Range
g
13
g
14
V
CMRR
Common-Mode
VCM e g13V
94
110
dB
Rejection Ratio
94
106
PSRR
Power Supply
VS e g3V to g18V
7
32
m
VV
Rejection Ratio
10
51
AVO
Large Signal
RL s 2kX VO e g10V
120
400
Voltage Gain
RL e 2kX VO e g10V
100
400
VmV
RL t 500X VO e g05V
400
VS g3V (Note 4)
VO
Output Voltage Swing
RL t 10 kX
g
120
g
130
RL t 2kX
g
115
g
128
V
RL t 2kX
g
110
g
126
RL t 1kX
g
120
SR
Slew Rate
RL t 2kX (Note 3)
01
03
V ms
BW
Closed-Loop Bandwidth
AVCL ea1 (Note 3)
04
06
MHz
RO
Output Resistance
VO e 0 IO e 060
X
Pd
Power Consumption
VS e g15V No Load
80
150
mW
VS e g3V No Load
4
8
Offset Adj Range
RP e 20 kX
g
4mV
TCVOS
Average Input Offset
(Note 4)
07
25
m
V C
Voltage Drift Without
External Trim
TCVOSn
With External Trim
RP e 20 kX (Note 4)
07
25
m
V C
TCIOS
Average Input Offset Current Drift
(Note 3)
12
50
pA C
TCIB
Average Input Bias Current Drift
(Note 3)
18
50
pA C
Note 1
VOS is measured approximately 05 second after application of power
Note 2
Long-Term Offset Voltage Stability refers to the averaged trend line of VOS vs Time over extended periods after the first 30 days of operation
Excluding the initial hour of operation changes in VOS during the first 30 operating days are typically 25 mV Parameter is sample tested
Note 3
Sample Tested
Note 4
Guaranteed by design
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com