Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5020A Datasheet(PDF) 4 Page - Texas Instruments

Part # REF5020A
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5020A Datasheet(HTML) 4 Page - Texas Instruments

  REF5020A Datasheet HTML 1Page - Texas Instruments REF5020A Datasheet HTML 2Page - Texas Instruments REF5020A Datasheet HTML 3Page - Texas Instruments REF5020A Datasheet HTML 4Page - Texas Instruments REF5020A Datasheet HTML 5Page - Texas Instruments REF5020A Datasheet HTML 6Page - Texas Instruments REF5020A Datasheet HTML 7Page - Texas Instruments REF5020A Datasheet HTML 8Page - Texas Instruments REF5020A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
SBOS456F
– SEPTEMBER 2008 – REVISED SEPTEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: ALL DEVICES
Boldface limits apply over the specified temperature range, TA = –40°C to 125°C.
TA = 25°C, ILOAD = 0, CL = 1 μF, VIN = (VOUT + 0.2 V) to 18 V (unless otherwise noted).
REF50xx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE TEMPERATURE DRIFT
Output voltage temperature drift
dVOUT/dT
High grade
2.5
3
ppm/
°C
Standard grade
3
8
ppm/
°C
LINE REGULATION
Line regulation
dVOUT/dVIN
REF5020(1) only
VIN = 2.7 V to 18 V
0.1
1
ppm/V
All other devices
VIN = VOUT + 0.2 V
0.1
1
ppm/V
Over temperature
0.2
1
ppm/V
LOAD REGULATION
Load regulation
dVOUT/dILOAD
–10 mA < ILOAD < +10 mA
REF5020 Only
VIN = 3 V
20
30
ppm/mA
All other devices
VIN = VOUT + 0.75 V
20
30
ppm/mA
Over temperature
50
ppm/mA
SHORT-CIRCUIT CURRENT
Short-circuit current
ISC
VOUT = 0 V
25
mA
THERMAL HYSTERESIS (2)
High-Grade
MSOP-8
Cycle 1
10
ppm
Standard-Grade
MSOP-8
Cycle 1
30
ppm
High-Grade
SO-8
Cycle 1
5
ppm
Standard-Grade
SO-8
Cycle 1
10
ppm
High-Grade
MSOP-8
Cycle 2
5
ppm
Standard-Grade
MSOP-8
Cycle 2
10
ppm
High-Grade
SO-8
Cycle 2
3
ppm
Standard-Grade
SO-8
Cycle 2
5
ppm
LONG-TERM STABILITY
MSOP-8
0 to 1000 hours
50
ppm/1000 hr
MSOP-8
1000 to 2000 hours
5
ppm/1000 hr
SO-8
0 to 1000 hours
90
ppm/1000 hr
SO-8
1000 to 2000 hours
10
ppm/1000 hr
TEMP PIN
Voltage output
At TA = 25°C
575
mV
Temperature sensitivity
2.64
mV/
°C
TURN-ON SETTLING TIME
Turn-on settling time
To 0.1% with CL = 1 μF
200
μs
POWER SUPPLY
Supply voltage
VS
See Note (1)
VOUT + 0.2
(1)
18
V
Quiescent current
0.8
1
mA
Over temperature
1.2
mA
TEMPERATURE RANGE
Specified range
–40
125
°C
Operating range
–55
125
°C
Thermal resistance
θJA
SO-8
150
°C/W
(1)
For VOUT ≤ 2.5 V, the minimal supply voltage is 2.7 V.
(2)
The thermal hysteresis procedure is explained in more detail in the Application Information section.
4
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com