Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5020A Datasheet(PDF) 1 Page - Texas Instruments

Part # REF5020A
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5020A Datasheet(HTML) 1 Page - Texas Instruments

  REF5020A Datasheet HTML 1Page - Texas Instruments REF5020A Datasheet HTML 2Page - Texas Instruments REF5020A Datasheet HTML 3Page - Texas Instruments REF5020A Datasheet HTML 4Page - Texas Instruments REF5020A Datasheet HTML 5Page - Texas Instruments REF5020A Datasheet HTML 6Page - Texas Instruments REF5020A Datasheet HTML 7Page - Texas Instruments REF5020A Datasheet HTML 8Page - Texas Instruments REF5020A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ADS8326
REF5040
REF
V
OUT
GND
+IN
-
IN
V
IN
+5V
OPA365
Input
Signal
0Vto4V
5V
5V
V
DD
GND
C
1 F
m
BYPASS
R
50 W
1
C
1.2nF
1
C
22 F
m
2
1
2
3
4
8
7
6
5
DNC
NC
TRIM/NR
DNC
V
IN
TEMP
GND
V
OUT
SO-8(D)PACKAGE
(TOPVIEW)
DNC=Donotconnect
NC=Nointernalconnection
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
www.ti.com
SBOS456F
– SEPTEMBER 2008 – REVISED SEPTEMBER 2011
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
Check for Samples: REF5020-Q1, REF5025-Q1, REF5030-Q1, REF5040-Q1, REF5045-Q1, REF5050-Q1
1
FEATURES
DESCRIPTION
The REF50xx is a family of low-noise, low-drift, very
2
•
Qualified for Automotive Applications
high precision voltage references. These references
•
Low Temperature Drift
are capable of both sinking and sourcing, and are
– High Grade: 3 ppm/°C (max)
very robust with regard to line and load changes.
– Standard Grade: 8 ppm/°C (max)
Excellent temperature drift (3 ppm/
°C) and high
•
High Accuracy
accuracy (0.05%) are achieved using proprietary
design techniques. These features combined with
– High Grade: 0.05% (max)
very low noise make the REF50xx family ideal for use
– Standard Grade: 0.1% (max)
in high-precision data acquisition systems.
•
Low Noise: 3
μVPP/V
Each reference voltage is available in both standard-
•
EXCELLENT LONG-TERM STABILITY:
and high-grade versions. They are offered in SO-8
– 5ppm/1000hr (typ) after 1000 hours
packages and are specified from
–40°C to 125°C.
•
High Output Current:
±10 mA
REF50xx Family
•
Temperature Range:
–40°C to 125°C
MODEL
OUTPUT VOLTAGE
REF5020
2.048 V
APPLICATIONS
REF5025
2.5 V
•
16-Bit Data Acquisition Systems
REF5030
3 V
•
ATE Equipment
REF5040
4.096 V
•
Industrial Process Control
REF5045
4.5 V
•
Medical Instrumentation
REF5050
5 V
•
Optical Control Systems
•
Precision Instrumentation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - REF5020A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5020A BURR-BROWN-REF5020A Datasheet
610Kb / 18P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5020A TI-REF5020A Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
1Mb / 25P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020A-Q1 TI2-REF5020A-Q1 Datasheet
851Kb / 26P
REF50xxA-Q1 Low-Noise, Very Low Drift, Precision Voltage Reference
REVISED FEBRUARY 2015
REF5020A-Q1 TI1-REF5020A-Q1_15 Datasheet
1Mb / 25P
Low-Noise, Very Low Drift, Precision Voltage Reference
More results

Similar Description - REF5020A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5010 TI-REF5010 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP Datasheet
374Kb / 16P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP_1 Datasheet
541Kb / 18P
LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5025-HT TI1-REF5025-HT Datasheet
446Kb / 16P
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5050AQDRQ1 TI1-REF5050AQDRQ1 Datasheet
1Mb / 21P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI1-REF5010 Datasheet
3Mb / 38P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com