Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS3135 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3135
Description  TMS570LSxxx5 16/32-Bit RISC Flash Microcontroller
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3135 Datasheet(HTML) 1 Page - Texas Instruments

  TMS570LS3135 Datasheet HTML 1Page - Texas Instruments TMS570LS3135 Datasheet HTML 2Page - Texas Instruments TMS570LS3135 Datasheet HTML 3Page - Texas Instruments TMS570LS3135 Datasheet HTML 4Page - Texas Instruments TMS570LS3135 Datasheet HTML 5Page - Texas Instruments TMS570LS3135 Datasheet HTML 6Page - Texas Instruments TMS570LS3135 Datasheet HTML 7Page - Texas Instruments TMS570LS3135 Datasheet HTML 8Page - Texas Instruments TMS570LS3135 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 154 page
background image
TMS570LS2125
TMS570LS2135
TMS570LS3135
www.ti.com
SPNS164
– SEPTEMBER 2011
TMS570LSxxx5 16/32-Bit RISC Flash Microcontroller
Check for Samples: TMS570LS2125
1
TMS570LSxxx5 16/32-Bit RISC Flash Microcontroller
1.1
Features
1
• High-Performance Automotive Grade
• Multiple Communication Interfaces
Microcontroller for Safety Critical Applications
– FlexRay Controller with 2 channels
– Dual CPU’s running in lockstep
•
8KB message RAM with parity protection
– ECC on flash and RAM interfaces
•
Dedicated Transfer Unit (FTU)
– Built-In Self Test for CPU and on-chip RAMs
– Three CAN Controllers (DCAN)
– Error Signaling Module with Error Pin
•
64 mailboxes with parity protection each
– Voltage and Clock Monitoring
•
Compliant to CAN protocol version 2.0B
• ARM® Cortex™ – R4F 32-bit RISC CPU
– Inter-Integrated Circuit (I2C)
– Efficient 1.6DMIPS/MHz with 8-stage pipeline
– Three Multi-buffered Serial Peripheral
– Floating-Point Unit with Single/Double
Interfaces (MibSPI)
Precision
•
128 Words with Parity Protection each
– 12-Region Memory Protection Unit
– Two Standard Serial Peripheral Interfaces
– Open Architecture with 3rd Party Support
(SPI)
• Operating Conditions
– Local Interconnect Network Interface (LIN)
Controller
– Up to 180MHz System Clock
•
Compliant to LIN protocol version 2.1
– Core Supply Voltage (VCC): 1.2V nominal
– Standard Serial Communication Interface
– I/O Supply Voltage (VCCIO): 3.3V nominal
(SCI)
• Integrated Memory
• Two High-End Timer Modules (N2HET)
– Up to 3MB Program Flash with ECC
– N2HET1: 32 programmable channels
– Up to 256KB RAM with ECC
– N2HET2: 20 programmable channels
– 64KB Flash for emulated EEPROM
– 160 Word Instruction RAM with parity
• 16- bit External Memory Interface
protection each
• Common Platform Architecture
– Each includes Hardware Angle Generator
– Consistent memory map across family
– Dedicated Transfer Unit for each N2HET
– Real-Time Interrupt Timer (RTI) OS Timer
(HTU)
– 96-channel Vectored Interrupt Module (VIM)
• Two 10/12-bit Multi-Buffered ADC Modules
– 2-channel Cyclic Redundancy Checker (CRC)
– ADC1: 24 channels
• Direct Memory Access (DMA) Controller
– ADC2: 16 channels
– 16 Channels and 32 Control Packets
– 16 shared channels
– Parity protection for control packet RAM
– 64 result buffers with parity protection each
– DMA Accesses Protected by Dedicated MPU
• Packages
• Frequency-Modulated Phase-Locked-Loop
– 144-pin Quad Flatpack (PGE) [Green]
(FMPLL) with Built-In Slip Detector
– 337-Ball Grid Array (ZWT) [Green]
• Separate Non-Modulating PLL for FlexRay
• IEEE 1149.1 JTAG, Boundary Scan and ARM
CoreSight Components
• JTAG Security Module
• Trace and Calibration Capabilities
– Embedded Trace Macrocell (ETM-R4)
– Data Modification Module (DMM)
– RAM Trace Port (RTP)
– Parameter Overlay Module (POM)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the formative
Copyright
© 2011, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.


Similar Part No. - TMS570LS3135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS3135 TI1-TMS570LS3135 Datasheet
8Mb / 170P
TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
TMS570LS3135 TI1-TMS570LS3135 Datasheet
8Mb / 172P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS3135 TI1-TMS570LS3135 Datasheet
8Mb / 172P
TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
TMS570LS3135PGE TI1-TMS570LS3135PGE Datasheet
8Mb / 172P
TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
TMS570LS3135ZWT TI1-TMS570LS3135ZWT Datasheet
8Mb / 172P
TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS3135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
16/32-Bit RISC Flash Microcontroller
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
16/32-Bit RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
16/32-BIT RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
16/32-BIT RISC FLASH MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com