Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT2440FN Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ACT2440FN
Description  NuBusE INTERFACE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT2440FN Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ACT2440FN Datasheet HTML 2Page - Texas Instruments SN74ACT2440FN Datasheet HTML 3Page - Texas Instruments SN74ACT2440FN Datasheet HTML 4Page - Texas Instruments SN74ACT2440FN Datasheet HTML 5Page - Texas Instruments SN74ACT2440FN Datasheet HTML 6Page - Texas Instruments SN74ACT2440FN Datasheet HTML 7Page - Texas Instruments SN74ACT2440FN Datasheet HTML 8Page - Texas Instruments SN74ACT2440FN Datasheet HTML 9Page - Texas Instruments SN74ACT2440FN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
SN74ACT2440
NuBus
™ INTERFACE CONTROLLER
SCHS010 – D3158, OCTOBER 1988 – REVISED JANUARY 1991
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
6
Terminal Functions (continued)
NUBUS
™ STATUS SIGNALS
PIN
DESCRIPTION
NAME
NO.
DESCRIPTION
MDONE
46
Master done. This active-high output signal is asserted when the local board is the NuBus
™ master and the responding slave
acknowledge (ACK) has been received. Once asserted, it remains asserted until MHOLD is unasserted.
NACK
32
NuBus
™ acknowledge. This output is an inverted buffer version of the acknowledge signal (ACK).
NCLK
39
Inverted NuBus
™ clock. This output signal is an inverted buffered version of the NuBus™ clock signal (CLK).
NCLK
40
Buffered Nubus clock. This output signal is a buffered version of the NuBus
™ clock signal (CLK).
NLOCK
45
NuBus
™ locked. This active-high output signal indicates to the local board that another master has generated an attention
lock cycle and the local board is the requested slave. This output is asserted one clock after the NuBus
™ start cycle on the
sample edge (high-low) of the NuBus
™ clock signal (CLK). NLOCK is active only during slave cycles. NLOCK is not active
during master cycles.
NLRST
33
NuBus
™ latched reset. This active-low output is a sychronized (2-level) version of the asynchronous NuBus™ reset signal
(RESET).
NLTM0
NLTN1
38
37
NuBus
™ latched transfered mode. These status signals are latched inverted versions of the NuBus™ TMx signals. They are
doubled-latched to allow the local board to continue using TMx information. During NuBus
™ master cycles, the transfer code
is latched on the sample edge of the start cycle. The transfer code remains latched until a slave responds with an
acknowledge cycle. The transfer status is latched on the sample edge of the acknowledge cycle. The transfer status remains
latched as long as MHOLD is held active (low). After MHOLD returns inactive, the transfer status remains latched until the
next NuBus
™ start cycle. During slave cycles, the transfer code is latched on the sample edge of the cycle. The transfer code
remains latched as long as SGNTA is held active (low). After SGNTA returns inactive, the transfer code remains latched until
the next NuBus
™ start cycle.
NMSTR
44
NuBus
™ master. This active-high output indicates to the local voaed that the local board has won arbitration and is now the
NuBus
™ master. It is on the sample edge (high-to-low) of the NuBus™ clock signal (CLK) after winning arbitration. NMSTR
remains asserted until the board loses mastership.
NTM1
NTM1
36
35
NuBus
™ buffered transfer mode. These outputs are inverted buffered versions of the NuBus™ TMx lines (TM0, TM1).
SEREQ
41
Slave external request. This active-low output indicates that the local board is being requested on the NuBus
™. The local
board responds by driving slave grant access (SGNTA) active (low) when it is ready to service the request. In higher
performance slave-only applications, SGNTA may be low going into the NuBus
™ cycle.
NSTART
31
NuBus
™ start. This output is an inverted buffered version of the NuBus™ start signal (START).
Table 1. Byte Decode Function Table
TM0
A1
A0
BT0
BT1
BT2
BT3
TYPE OF CYCLE
L
L
L
L
H
H
H
Byte 0
L
L
H
H
L
H
H
Byte 1
L
H
L
H
H
L
H
Byte 2
L
H
H
H
H
H
L
Byte 3
H
L
L
L
L
L
L
Full Word
H
L
H
L
L
H
H
1/2 Word 0
H
H
L
L
L
L
L
Block
H
H
H
H
H
L
L
1/2 Word 1
NOTE: TM1 = L indicates a write cycle. TM1 = H indicates a read cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com