Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # EM357
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button EM357 Datasheet HTML 17Page - Silicon Laboratories EM357 Datasheet HTML 18Page - Silicon Laboratories EM357 Datasheet HTML 19Page - Silicon Laboratories EM357 Datasheet HTML 20Page - Silicon Laboratories EM357 Datasheet HTML 21Page - Silicon Laboratories EM357 Datasheet HTML 22Page - Silicon Laboratories EM357 Datasheet HTML 23Page - Silicon Laboratories EM357 Datasheet HTML 24Page - Silicon Laboratories EM357 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 244 page
background image
EM351 / EM357
2.6
Non-RF System Electrical Characteristics
Table 2-6 lists the non-RF system level characteristics for the EM35x.
Table 2-7. Non-RF System Specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
System wake time from deep sleep
From wakeup event to first ARM® CortexTM-M3
instruction running from 6 MHz internal RC
clock
Includes supply ramp time and oscillator
startup time
110
µs
Shutdown time going into deep sleep
From last ARM® CortexTM-M3 instruction to
deep sleep mode
5
µs
2.7
RF Electrical Characteristics
2.7.1
Receive
Table 2-7 lists the key parameters of the integrated IEEE 802.15.4-2003 receiver on the EM35x.
Note:
Receive measurements were collected with the EM35x Ceramic Balun Reference Design (Version A0) at
2440 MHz. The Typical number indicates one standard deviation above the mean, measured at room
temperature (25°C). The Min and Max numbers were measured over process corners at room temperature
Table 2-8. Receive Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Frequency range
2400
2500
MHz
Sensitivity (boost mode)
1% PER, 20 byte packet defined by IEEE
802.15.4-2003
-102
-96
dBm
Sensitivity
1% PER, 20 byte packet defined by IEEE
802.15.4-2003
-100
-94
dBm
High-side adjacent channel rejection
IEEE 802.15.4-2003 interferer signal, wanted
IEEE 802.15.4-2003 signal at -82 dBm
35
dB
Low-side adjacent channel rejection
IEEE 802.15.4-2003 interferer signal, wanted
IEEE 802.15.4-2003 signal at -82 dBm
35
dB
2nd high-side adjacent channel rejection
IEEE 802.15.4-2003 interferer signal, wanted
IEEE 802.15.4-2003 signal at -82 dBm
46
dB
2nd low-side adjacent channel rejection
IEEE 802.15.4-2003 interferer signal, wanted
IEEE 802.15.4-2003 signal at -82 dBm
46
dB
High-side adjacent channel rejection
Filtered IEEE 802.15.4-2003 interferer signal,
wanted IEEE 802.15.4-2003 signal at -82 dBm
39
dB
Low-side adjacent channel rejection
Filtered IEEE 802.15.4-2003 interferer signal,
wanted IEEE 802.15.4-2003 signal at -82 dBm
47
dB
2-8
120-035X-000 Rev. 1.2
Final



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com