Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM357 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # EM357
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button EM357 Datasheet HTML 35Page - Silicon Laboratories EM357 Datasheet HTML 36Page - Silicon Laboratories EM357 Datasheet HTML 37Page - Silicon Laboratories EM357 Datasheet HTML 38Page - Silicon Laboratories EM357 Datasheet HTML 39Page - Silicon Laboratories EM357 Datasheet HTML 40Page - Silicon Laboratories EM357 Datasheet HTML 41Page - Silicon Laboratories EM357 Datasheet HTML 42Page - Silicon Laboratories EM357 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 244 page
background image
EM351 / EM357
6.1
Power domains
The EM35x contains three power domains:
An “always-on domain” containing all logic and analog cells required to manage the EM35x’s power modes,
including the GPIO controller and sleep timer. This domain must remain powered.
A “core domain” containing the CPU, Nested Vectored Interrupt Controller (NVIC), and peripherals. To
save power, this domain can be powered down using a mode called deep sleep.
A “memory domain” containing the RAM and flash memories. This domain is managed by the power
management controller. When in deep sleep, the RAM portion of this domain is powered from the always-
on domain supply to retain the RAM contents while the regulators are disabled. During deep sleep the flash
portion is completely powered down.
6.1.1
Internally regulated power
The preferred and recommended power configuration is to use the internal regulated power supplies to
provide power to the core and memory domains. The internal regulators (VREG_1V25 and VREG_1V8) generate
nominal 1.25 V and 1.8 V supplies. The 1.25 V supply is internally routed to the core domain and to an
external pin. The 1.8 V supply is routed to an external pin where it can be externally routed back into the chip
to supply the memory domain. The internal regulators are described in Chapter 16, Integrated Voltage
Regulator.
When using the internal regulators, the always-on domain must be powered between 2.1 V and 3.6 V at all
four VDD_PADS pins.
When using the internal regulators, the VREG_1V8 regulator output pin (VREG_OUT) must be connected to the
VDD_MEM, VDD_PADSA, VDD_VCO, VDD_RF, VDD_IF, VDD_PRE, and VDD_SYNTH pins.
When using the internal regulators, the VREG_1V25 regulator output and supply requires a connection
between both VDD_CORE pins.
6.1.2
Externally regulated power
Optionally, the on-chip regulators may be left unused, and the core and memory domains may instead be
powered from external supplies. For simplicity, the voltage for the core domain can be raised to nominal
1.8 V, requiring only one external regulator, or the core domain can be powered from the on-chip regulators
while the other domains are powered externally. Note that if the core domain is powered at a higher voltage
(1.8 V instead of 1.25 V) then power consumption increases. A regulator enable signal, REG_EN, is provided for
control of external regulators. This is an open-drain signal that requires an external pull-up resistor. If REG_EN
is not required to control external regulators it can be disabled (see section 7.3, Forced Functions in Chapter
7, GPIO).
Using an external regulator requires the always-on domain to be powered between 2.1 V and 3.6 V at all four
VDD_PADS pins.
When using an external regulator, the VREG_1V8 regulator output pin (VREG_OUT) must be left unconnected.
When using an external regulator, this external nominal 1.8 V supply has to be connected to both VDD_CORE
pins and to the VDD_MEM, VDD_PADSA, VDD_VCO, VDD_RF, VDD_IF, VDD_PRE and VDD_SYNTH pins.
6-2
120-035X-000 Rev. 1.2
Final



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com