Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0804S030TS Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ADC0804S030TS
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC0804S030TS Datasheet(HTML) 5 Page - Integrated Device Technology

  ADC0804S030TS Datasheet HTML 1Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 2Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 3Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 4Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 5Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 6Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 7Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 8Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ADC0804S030_040_050_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
5 of 18
Integrated Device Technology
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
8. Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCA
analog supply voltage
[1]
0.3
+7.0
V
VCCD
digital supply voltage
[1]
0.3
+7.0
V
VCCO
output supply voltage
[1]
0.3
+7.0
V
VCC
supply voltage difference VCCA  VCCD
1.0
+1.0
V
VCCD  VCCO
1.0
+4.0
V
VCCA  VCCO
1.0
+4.0
V
VI
input voltage
referenced to AGND
0.3
+7.0
V
Vi(clk)(p-p)
peak-to-peak clock input
voltage
referenced to DGND
-
VCCD
V
IO
output current
-
10
mA
Tstg
storage temperature
55
+150
C
Tamb
ambient temperature
40
+85
C
Tj
junction temperature
-
150
C
[1]
The supply voltages VCCA, VCCD and VCCO may have any value between 0.3 V and +7.0 V provided that
the supply voltage differences
VCC are respected.
9. Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
110
K/W
D2
20
data output; bit 2
D3
21
data output; bit 3
D4
22
data output; bit 4
D5
23
data output; bit 5
D6
24
data output; bit 6
D7
25
data output; bit 7 (Most Significant Bit (MSB))
IR
26
in-range data output
DGND1
27
digital ground 1
VCCD1
28
digital supply voltage 1 (5 V)
Table 3.
Pin description …continued
Symbol
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com