Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0804S030TS Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ADC0804S030TS
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC0804S030TS Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ADC0804S030TS Datasheet HTML 8Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 9Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 10Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 11Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 12Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 13Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 14Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 15Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ADC0804S030_040_050_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
12 of 18
Integrated Device Technology
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
LOW
HIGH
HIGH
LOW
ADC0804S030
VCCD
VCCD
S1
OE
OE
output
data
output
data
10 %
50 %
50 %
90 %
50 %
tdLZ
tdZL
tdHZ
tdZH
15 pF
3.3 k
Ω
S1
TEST
VCCD
tdLZ
VCCD
tdZL
DGND
tdZH
tdHZ
DGND
014aaa552
frequency on pin OE = 100 kHz
Fig 5.
Timing diagram and test conditions of 3-state output delay time
014aaa400
code 255
code 0
50 %
50 %
CLK
VI
ts(LH)
ts(HL)
50 %
50 %
2 ns
2 ns
0.5 ns
0.5 ns
Fig 6.
Analog input settling time diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com