Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F0DISCOVERY Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F0DISCOVERY
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F0DISCOVERY Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F0DISCOVERY Datasheet HTML 8Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 9Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 10Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 11Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 12Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 13Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 14Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 15Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Hardware and layout
UM1525
12/41
Doc ID 022910 Rev 2
4.1
STM32F051R8T6 microcontroller
This 32-bit low- and medium-density advanced ARM™ MCU with a high-performance ARM
Cortex™-M0 32-bit RISC core has 64 Kbytes Flash, 8 Kbytes RAM, RTC, timers, ADC,
DAC, comparators and communication interfaces.
Figure 5.
STM32F051R8T6 package
The STM32 F0 delivers 32-bit performance and STM32 DNA essentials into applications
typically addressed by 8- or 16-bit microcontrollers. It benefits from the combination of real-
time performance, low-power operation, advanced architecture and peripherals associated
to the STM32 ecosystem, which has made the STM32 a reference in the market. Now all
this is accessible for cost-sensitive applications. The STM32 F0 offers unparalleled flexibility
and scalability for home entertainment products, appliances, and industrial equipment.
This device provides the following benefits.
Superior code execution for better performance and excellent code efficiency for
reduced embedded memory usage
High-performance connectivity and advanced analog peripherals to support a wide
range of applications
Flexible clock options and low power modes with fast wake-up for low power
consumption
It has the following key features:
Core and operating conditions
ARM® Cortex™-M0 0.9 DMIPS/MHz up to 48 MHz
1.8/2.0 to 3.6 V supply range
High-performance connectivity
6 Mbit/s USART
18 Mbit/s SPI with 4- to 16-bit data frame
1 Mbit/s I²C fast-mode plus
–HDMI CEC
Enhanced control
1x 16-bit 3-phase PWM motor control timer
5x 16-bit PWM timers
1x 16-bit basic timer
1x 32-bit PWM timer
12 MHz I/O toggling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com