Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F0DISCOVERY Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32F0DISCOVERY
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F0DISCOVERY Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32F0DISCOVERY Datasheet HTML 13Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 14Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 15Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 16Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 17Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 18Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 19Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 20Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
UM1525
Hardware and layout
Doc ID 022910 Rev 2
17/41
4.3
Power supply and power selection
The power supply is provided either by the host PC through the USB cable, or by an external
5V power supply.
The D1 and D2 diodes protect the 5V and 3V pins from external power supplies:
5V and 3V can be used as output power supplies when another application board is
connected to pins P1 and P2.
In this case, the 5V and 3V pins deliver a 5V or 3V power supply and power
consumption must be lower than 100 mA.
5V can also be used as input power supplies e.g. when the USB connector is not
connected to the PC.
In this case, the STM32F0DISCOVERY board must be powered by a power supply unit
or by auxiliary equipment complying with standard EN-60950-1: 2006+A11/2009, and
must be Safety Extra Low Voltage (SELV) with limited power capability.
4.4
LEDs
LD1 PWR: Red LED indicates that the board is powered.
LD2 COM: Tricolor LED (COM) advises on the communication status as follows:
Slow blinking Red LED/Off: At power on before USB initialization
Fast blinking Red LED/Off: After the first correct communication between PC and
STLINK/V2 (enumeration)
Red LED On: When initialization between PC and ST-LINK/V2 is successfully
finished
Green LED On: After successful target communication initialization
Blinking Red/Green LED: During communication with target
Red LED On: Communication finished and OK
Orange LED On: Communication failure
User LD3: Green user LED connected to the I/O PC9 of the STM32F051R8T6.
User LD4: Blue user LED connected to the I/O PC8 of the STM32F051R8T6.
4.5
Push buttons
B1 USER: User push button connected to the I/O PA0 of the STM32F051R8T6.
B2 RESET: Push button used to RESET the STM32F051R8T6.
4.6
JP2 (Idd)
Jumper JP2, labeled Idd, allows the consumption of STM32F051R8T6 to be measured by
removing the jumper and connecting an ammeter.
Jumper on: STM32F051R8T6 is powered (default).
Jumper off: an ammeter must be connected to measure the STM32F051R8T6 current,
(if there is no ammeter, the STM32F051R8T6 is not powered).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com