Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX8864T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # AX8864T
Description  Low-Dropout, 120mA Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AX8864T Datasheet(HTML) 1 Page - Maxim Integrated Products

  AX8864T Datasheet HTML 1Page - Maxim Integrated Products AX8864T Datasheet HTML 2Page - Maxim Integrated Products AX8864T Datasheet HTML 3Page - Maxim Integrated Products AX8864T Datasheet HTML 4Page - Maxim Integrated Products AX8864T Datasheet HTML 5Page - Maxim Integrated Products AX8864T Datasheet HTML 6Page - Maxim Integrated Products AX8864T Datasheet HTML 7Page - Maxim Integrated Products AX8864T Datasheet HTML 8Page - Maxim Integrated Products AX8864T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
_______________General Description
The MAX8863T/S/R and MAX8864T/S/R low-dropout lin-
ear regulators operate from a +2.5V to +6.5V input
range and deliver up to 120mA. A PMOS pass transis-
tor allows the low, 80µA supply current to remain inde-
pendent of load, making these devices ideal for
battery-operated portable equipment such as cellular
phones, cordless phones, and modems.
The devices feature Dual Mode™ operation: their out-
put voltage is preset (at 3.15V for the T versions, 2.84V
for the S versions, or 2.80V for the R versions) or can be
adjusted with an external resistor divider. Other fea-
tures include low-power shutdown, short-circuit protec-
tion, thermal shutdown protection, and reverse battery
protection. The MAX8864 also includes an auto-dis-
charge function, which actively discharges the output
voltage to ground when the device is placed in shut-
down mode. Both devices come in a miniature 5-pin
SOT23 package.
________________________Applications
Cordless Telephones
Modems
PCS Telephones
Hand-Held Instruments
Cellular Telephones
Palmtop Computers
PCMCIA Cards
Electronic Planners
____________________________Features
o Low Cost
o Low, 55mV Dropout Voltage @ 50mA IOUT
o Low, 68µA No-Load Supply Current
Low, 80µA Operating Supply Current (even in
dropout)
o Low, 350µVRMS Output Noise
o Miniature External Components
o Thermal Overload Protection
o Output Current Limit
o Reverse Battery Protection
o Dual Mode™ Operation: Fixed or Adjustable
(1.25V to 6.5V) Output
o Low-Power Shutdown
Low-Dropout, 120mA Linear Regulators
SOT23
TOP VIEW
GND
OUT
IN
1
5
SET
SHDN
MAX8863
MAX8864
2
3
4
__________________Pin Configuration
MAX8863
MAX8864
OUT
GND
SET
IN
SHDN
COUT
1
µF
CIN
1
µF
BATTERY
OUTPUT
VOLTAGE
__________Typical Operating Circuit
19-0466; Rev 4; 7/12
1
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
______________Ordering Information
Dual Mode is a trademark of Maxim Integrated Products.
*
Alternate marking information: CY_ _ = MAX8863T,
CZ_ _ = MAX8863S, DA_ _ = MAX8864T, DB_ _ = MAX8864S
+
Denotes a lead(Pb)-free/RoHS-compliant package.
PART
TEMP RANGE
PIN-
PACKAGE
SOT TOP
MARK*
MAX8863TEUK+T
-40°C to +85°C
5 SOT23
AABE
MAX8863SEUK+T
-40°C to +85°C
5 SOT23
AABF
MAX8863REUK+T
-40°C to +85°C
5 SOT23
AABV
MAX8864TEUK+T
-40°C to +85°C
5 SOT23
AABG
MAX8864SEUK+T
-40°C to +85°C
5 SOT23
AABH
MAX8864REUK+T
-40°C to +85°C
5 SOT23
AABW


Similar Part No. - AX8864T

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88613 ASIX-AX88613 Datasheet
865Kb / 20P
ASIX Multi-Port Ethernet Controller
AX88615 ASIX-AX88615 Datasheet
387Kb / 26P
5-Port 10/100BASE Ethernet Switch
AX88615P ASIX-AX88615P Datasheet
387Kb / 26P
5-Port 10/100BASE Ethernet Switch
AX88655AB ASIX-AX88655AB Datasheet
266Kb / 33P
5-Port 10/100/1000BASE-T Ethernet Switch
AX88655P ASIX-AX88655P Datasheet
844Kb / 40P
5-Port 10/100/1000BASE-T Ethernet Switch
More results

Similar Description - AX8864T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
Low-Dropout, 120mA Linear Regulators
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8863T MAXIM-MAX8863T_11 Datasheet
473Kb / 10P
Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com