Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX8864T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # AX8864T
Description  Low-Dropout, 120mA Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AX8864T Datasheet(HTML) 3 Page - Maxim Integrated Products

  AX8864T Datasheet HTML 1Page - Maxim Integrated Products AX8864T Datasheet HTML 2Page - Maxim Integrated Products AX8864T Datasheet HTML 3Page - Maxim Integrated Products AX8864T Datasheet HTML 4Page - Maxim Integrated Products AX8864T Datasheet HTML 5Page - Maxim Integrated Products AX8864T Datasheet HTML 6Page - Maxim Integrated Products AX8864T Datasheet HTML 7Page - Maxim Integrated Products AX8864T Datasheet HTML 8Page - Maxim Integrated Products AX8864T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low-Dropout, 120mA Linear Regulators
3
__________________________________________Typical Operating Characteristics
(VIN = +3.6V, CIN = 1µF, COUT = 1µF, TA = +25°C, MAX886_T, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +3.6V, VGND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Note 2: Limits are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed through cor-
relation using Statistical Quality Control (SQC) Methods.
Note 3: Guaranteed by line regulation test.
Note 4: Adjustable mode only.
Note 5: Not tested. For design purposes, the current limit should be considered 120mA minimum to 420mA maximum.
Note 6: The dropout voltage is defined as (VIN - VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT +2V.
3.00
3.05
3.10
3.15
3.20
3.25
3.30
0
20
60
100
OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
40
80
10
30
70
50
90
100
50
020
60
100
SUPPLY CURRENT
vs. LOAD CURRENT
60
90
LOAD CURRENT (mA)
40
80
10
30
70
50
90
80
70
95
55
85
75
65
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
01
2
4
6
OUTPUT VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
35
NO LOAD
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
0
100
SHDN Input Bias Current
ISHDN
VSHDN = VIN
TA = TMAX
0.05
nA
TA = +25°C
0.0001
1
Shutdown Supply Current
IQSHDN
VOUT = 0V
TA = TMAX
0.02
µA
Shutdown Discharge Resistance
(MAX8864)
300
Ω
SET INPUT
TA = +25°C
1.225
1.25
1.275
Set Reference Voltage
(Note 4)
VSET
VIN = 2.5V to 6.5V,
IOUT = 1mA
TA = TMIN to
1.215
1.25
1.285
V
TA = +25°C
0.015
2.5
Set Input Leakage Current
(Note 4)
ISET
VSET = 1.3V
TA = TMAX
0.5
nA
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
170
°C
Thermal Shutdown Hysteresis
∆TSHDN
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com