Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06161237 Datasheet(PDF) 14 Page - Tyco Electronics

Part # 06161237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06161237 Datasheet(HTML) 14 Page - Tyco Electronics

Back Button 06161237 Datasheet HTML 10Page - Tyco Electronics 06161237 Datasheet HTML 11Page - Tyco Electronics 06161237 Datasheet HTML 12Page - Tyco Electronics 06161237 Datasheet HTML 13Page - Tyco Electronics 06161237 Datasheet HTML 14Page - Tyco Electronics 06161237 Datasheet HTML 15Page - Tyco Electronics 06161237 Datasheet HTML 16Page - Tyco Electronics 06161237 Datasheet HTML 17Page - Tyco Electronics 06161237 Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
NBC-SCE Nuclear, biological, chemical resistant heat-shrinkable
wire identification sleeves
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
14
NBC-SCE - 1K-
1/4 -2.0 -S1-9
Part numbering system
Color
Scoring (optional)
Sleeve length (inches)
Expanded inside diameter (inches)
Large packaging (optional)
Product family
Tyco Electronics NBC-SCE is used to identify wire and cables
where extreme resistance to cleaning solvents is needed. The
markers are suitable for use in wire harness systems requiring high
fluid resistance and resistance to the effects of nuclear, biological
and chemical agent exposure and decontamination. The markers
should be used with an appropriate transparent oversleeve whose
ends are sealed with an appropriate epoxy adhesive.
NBC-SCE marker sleeves are suitable for use in environments with
temperatures from –55°C to +225°C (–67°F to +437°F).
Features and benefits
I Permanent identification sleeves
I Computer-printable
I 2:1 shrink ratio
I NBC application with the appropriate adhesive and oversleeve
Temperature rating
Operating temperature range
–55°C to +225°C
–67°F to +437°F
Minimum recovery temperature
+200°C
+392°F
Maximum storage temperature
+40°C
+104°F
Specifications/approvals
Tyco Electronics
RW 2514
Military
SAE AS81531 4.6.2
MIL-STD-202 Method 215J
Printer information
Tyco Electronics printer
T312M (thermal transfer)
Tyco Electronics ribbon
TMS-RJS-RIBBON-4HT (thermal
transfer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com