Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06161237 Datasheet(PDF) 44 Page - Tyco Electronics

Part # 06161237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06161237 Datasheet(HTML) 44 Page - Tyco Electronics

Back Button 06161237 Datasheet HTML 40Page - Tyco Electronics 06161237 Datasheet HTML 41Page - Tyco Electronics 06161237 Datasheet HTML 42Page - Tyco Electronics 06161237 Datasheet HTML 43Page - Tyco Electronics 06161237 Datasheet HTML 44Page - Tyco Electronics 06161237 Datasheet HTML 45Page - Tyco Electronics 06161237 Datasheet HTML 46Page - Tyco Electronics 06161237 Datasheet HTML 47Page - Tyco Electronics 06161237 Datasheet HTML 48Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 85 page
background image
TTP Continuous polyester for decals
44
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Performance Labels
The system is designed for applications that require a high-
durability label with all the features of a “silk-screened” label, only
without the cost, time and inflexibility involved in obtaining a
silk-screened product. The product utilizes high performance
polyester with permanent acrylic adhesive. It is thermal transfer
printable with all the capabilities of graphics, barcodes, logos and
several fonts. The product is available in several colors although
white, clear and metalized silver are available as standard. Typical
applications include panel labels, fascias, decalcomanias and asset
identification and rating plates. Typical industry use includes
aerospace, defense, electronics and infrastructure.
Features and benefits
I Efficient solution for expensive silk-screen printing
I Available in continuous format
I Several widths and colors available
I Interior and exterior aircraft use including flight
entertainment and deck instrumentation
I Thermal transfer printable
I Printable in any combination of material and ribbon colors
Temperature rating
Operating temperature range
Clear, White
-40°C to +150°C -40°F to +302°F
Metalized, and colors
Specifications/approvals
Tyco Electronics
TTDS- 031
Military
A-A-59485 (accelerated weather
resistance and salt spray)
Industry
GAT 100BB
UL 17292 Group PGJI2 (polywhite)
Printer information
Tyco Electronics printer
T312S (thermal transfer)
Tyco Electronics ribbon
1330-0607-10 (thermal transfer)
TTP 200 CL-10
Part numbering system
Length
Color
Label width (inches)
Product name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com