Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2682 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLE2682
Description  HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2682 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLE2682 Datasheet HTML 17Page - Texas Instruments TLE2682 Datasheet HTML 18Page - Texas Instruments TLE2682 Datasheet HTML 19Page - Texas Instruments TLE2682 Datasheet HTML 20Page - Texas Instruments TLE2682 Datasheet HTML 21Page - Texas Instruments TLE2682 Datasheet HTML 22Page - Texas Instruments TLE2682 Datasheet HTML 23Page - Texas Instruments TLE2682 Datasheet HTML 24Page - Texas Instruments TLE2682 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
TLE2682
HIGHSPEED JFET INPUT DUAL OPERATIONAL AMPLIFIER
WITH SWITCHEDCAPACITOR VOLTAGE CONVERTER
SLOS127 − JUNE 1993
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS†
OPERATIONAL AMPLIFIER SECTION
Figure 37
TA − Free-Air Temperature − °C
− 16
− 48
− 64
− 80
64
− 32
− 55
− 35
−15
5
25
45
32
16
48
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
80
65
85
VCC ± = ±15 V
VCC ± = ±15 V
VCC ± = ±5 V
VCC ± = ±5 V
VID = − 1 V
VID = 1 V
VO = 0
Figure 38
TA − Free-Air Temperature − °C
35
33
29
27
25
43
31
− 55
− 35
−15
5
25
45
39
37
41
SLEW RATE
vs
FREE-AIR TEMPERATURE
45
65
85
VCC ± = ±5 V
RL = 2 kΩ
CL = 100 pF
SR −
SR +
Figure 39
TA − Free-Air Temperature − °C
50
46
38
34
30
66
42
− 55
− 35
−15
5
25
45
58
54
62
SLEW RATE
vs
FREE-AIR TEMPERATURE
70
65
85
VCC ± = ±15 V
RL = 2 kΩ
CL = 100 pF
SR −
SR +
RL − Load Resistance − Ω
10
−10
0
− 20
− 50
50
− 30
100
1 k
10 k
100 k
30
20
40
SLEW RATE
vs
LOAD RESISTANCE
− 40
VCC ± = ±15 V
VO ± = ±10 V
AV = − 1
CL = 100 pF
TA = 25°C
Falling Edge
Rising Edge
VCC ± = ±5 V
VO ± = ±2.5 V
Figure 40
† Data applies to the operational amplifier block only. Switched-capacitor block is not supplying VCC− supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com