Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2682 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLE2682
Description  HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2682 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLE2682 Datasheet HTML 4Page - Texas Instruments TLE2682 Datasheet HTML 5Page - Texas Instruments TLE2682 Datasheet HTML 6Page - Texas Instruments TLE2682 Datasheet HTML 7Page - Texas Instruments TLE2682 Datasheet HTML 8Page - Texas Instruments TLE2682 Datasheet HTML 9Page - Texas Instruments TLE2682 Datasheet HTML 10Page - Texas Instruments TLE2682 Datasheet HTML 11Page - Texas Instruments TLE2682 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
TLE2682
HIGHSPEED JFET INPUT DUAL OPERATIONAL AMPLIFIER
WITH SWITCHEDCAPACITOR VOLTAGE CONVERTER
SLOS127 − JUNE 1993
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
SWITCHED-CAPACITOR SECTION
electrical characteristics over recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP
MAX
UNIT
Regulated output voltage,
VCC = 5 V, TJ =25°C, RL(VOUT) = 500 Ω, See Note 6
25
°C
− 3.75
−4
− 4.25
V
Regulated output voltage,
VOUT
VCC = 7 V, TJ =25°C, RL(VOUT) = 500 Ω, See Note 7
25
°C
− 4.7
−5
− 5.2
V
Input regulation
VCC = 5 V to 15 V,
RL(VOUT) = 500 Ω, See Note 6
Full range
7
27
mV
Input regulation
VCC = 7 V to 12 V,
RL(VOUT) = 500 Ω, See Note 7
Full range
5
25
mV
Output regulation
VCC = 5 V,
RL(VOUT) = 100 Ω to 500 Ω
Full range
20
140
mV
Output regulation
VCC = 7 V,
RL(VOUT) = 100 Ω to 500 Ω
Full range
20
70
mV
Voltage loss, VCC − VOUT 
VCC = 7 V,
IO = 10 mA
Full range
0.35
0.55
V
Voltage loss, VCC − VOUT 
(see Note 8)
VCC = 7 V,
CIN = COUT = 100-µF tantalum
IO = 100 mA
Full range
1.1
1.8
V
Output resistance
∆IO = 10 mA to 100 mA,
See Note 9
Full range
10
15
Ω
Oscillator frequency
Full range
15
25
35
kHz
VCC = 5 V,
Iref = 50 A
25
°C
2.35
2.5
2.65
Reference voltage, Vref
VCC = 5 V,
Iref = 50 µA
Full range
2.25
2.75
V
Reference voltage, Vref
VCC = 7 V,
Iref = 60 A
25
°C
2.35
2.5
2.65
V
VCC = 7 V,
Iref = 60 µA
Full range
2.25
2.75
Maximum switch current
25
°C
300
mA
† Data applies for the switched-capacitor block only. Amplifier block is not connected.
‡ Full range is − 40°C to 85°C.
NOTES:
6. Regulation specifications are for the switched-capacitor section connected as a positive to negative converter / regulator
(see Figure 105) with R1 = 23.7 k
Ω, R2 = 102.2 kΩ, CIN = 10 µF (tantalum), COUT = 100 µF (tantalum), and C1 = 0.002 µF.
7. Regulation specifications are for the switched-capacitor section connected as a positive to negative converter/regulator
(see Figure 105) with R1 = 20 k
Ω, R2 = 102.5 kΩ, CIN = 10 µF (tantalum), COUT = 100 µF (tantalum) and C1 = 0.002 µF.
8. For voltage-loss tests, the switched-capacitor section is connected as a voltage inverter, with VREF , OSC, and FB/SD (pins 6, 7,
and 9) unconnected. The voltage losses may be higher in other configurations.
9. Output resistance is defined as the slope of the curve (
∆VO vs ∆IO) for output currents of 10 mA to 100 mA. This represents the linear
portion of the curve. The incremental slope of the curve are higher at currents less than 10 mA due to the characteristics of the switch
transistors.
AMPLIFIER AND SWITCHED-CAPACITOR SECTIONS CONNECTED
electrical characteristics, VIN = VCC+ = 5 V, TA = 25°C (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 10 kΩ
4.1
VOM + Maximum positive peak output voltage swing
RL = 600 Ω
3.6
V
VOM + Maximum positive peak output voltage swing
RL = 100 Ω
2.3
V
RL = 10 kΩ
− 3.9
VOM − Maximum negative peak output voltage swing RL = 600 Ω
− 3.3
V
VOM − Maximum negative peak output voltage swing
RL = 100 Ω
− 1.9
V
VID = − 100 mV,
RL = 10 kΩ
0.55
Voltage loss, VIN − |VOUT | (see Note 8)
VID = − 100 mV,
CIN = COUT = 100-µF tantalum
RL = 600 Ω
0.65
V
Voltage loss, VIN − |VOUT | (see Note 8)
CIN = COUT = 100-µF tantalum
RL = 100 Ω
0.9
V
NOTE 8: For voltage-loss tests, the switched-capacitor section is connected as a voltage inverter, with VREF , OSC, and FB/SD (pins 6, 7,
and 9) unconnected. The voltage losses may be higher in other configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com