Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AMDBVREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV3011AMDBVREP Datasheet HTML 2Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 3Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 4Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 5Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 6Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 7Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 8Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 9Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
-50
Temperature – °C
25
50
-25
0
75
100
125
8
7.5
7
6.5
6
5.5
5
4.5
4
V = 1.8 V
S
V = 3 V
S
V = 5 V
S
Temperature – °C
8
7.5
7
6.5
6
5.5
5
4.5
4
V = 1.8 V
S
V = 5 V
S
V = 3 V
S
-50
25
50
-25
0
75
100
125
2 µs/div
V = 2.5 V
S
V
IN–
V
IN+
V
OUT
TLV3012
TLV3011
2 µs/div
V = 2.5 V
S
V
IN+
V
IN–
V
OUT
2 µs/div
V = 0.9 V
S
V
IN–
V
IN+
V
OUT
2 µs/div
V = 0.9 V
S
V
IN–
V
IN+
V
OUT
TLV3011-EP, TLV3012-EP
SGLS349 – OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
PROPAGATION DELAY (tPLH)
PROPAGATION DELAY (tPHL)
vs
vs
TEMPERATURE
TEMPERATURE
Figure 11.
Figure 12.
PROPAGATION DELAY (tPLH)
PROPAGATION DELAY (tPHL)
Figure 13.
Figure 14.
PROPAGATION DELAY (tPLH)
PROPAGATION DELAY (tPHL)
Figure 15.
Figure 16.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com