Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETA1575 Datasheet(PDF) 41 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 37Page - Texas Instruments TNETA1575 Datasheet HTML 38Page - Texas Instruments TNETA1575 Datasheet HTML 39Page - Texas Instruments TNETA1575 Datasheet HTML 40Page - Texas Instruments TNETA1575 Datasheet HTML 41Page - Texas Instruments TNETA1575 Datasheet HTML 42Page - Texas Instruments TNETA1575 Datasheet HTML 43Page - Texas Instruments TNETA1575 Datasheet HTML 44Page - Texas Instruments TNETA1575 Datasheet HTML 45Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
41
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATIONS INFORMATION
introduction
The TNETA1575 implements a range of features targeted for cell-operating enterprise hubs. The growth in
acceptance of ATM in the backbone transfers quickly to the backplane (the collapsed backbone). The
TNETA1575 also is suited for lower-cost applications such as stackable hubs. The growth in acceptance of ATM
in the backbone can lead to an increase in demand for ATM connectivity in the installed base of stackable
classical-LAN operating products.
To support these applications, a different SAR architecture is required that includes the following characteristics:
• Cell interface that can go beyond 155-Mbit/s transfer rates. This increases the number of front-end
legacy interfaces that can be supported by a single SAR device.
• Direct support for constant-bit-rate (CBR) traffic via a dedicated input, a scheduling mechanism and
priority-queue scheme make isochronous services available to enterprise hubs and to stackable hubs.
The connection parameter cell-delay variation tolerance (CDVT) is not supported by the TNETA1575
scheduler.
• Supportforthefullrangeofvirtualpathsandvirtualchannels,and2K-ABRchannelsthatarerequiredto
enable the deployment of large and scaleable virtual LANs
• Support for an internal scheduler. The COPI is used to interface to an external scheduler, which would
provide support for all the ATM classes of service.
• High-performance features. On the transmit side, these include the transmit-channel sleep mode,
which prevents polling of transmit channels with no data queued. On the receive side, these include
features that utilize PCI-bus sideband signals to eliminate polling across the PCI bus completely.
• Early segmentation. This is very important to systems that require reduced latency (isochronous hubs).
Early segmentation enables multimedia applications to take full advantage of ATM facilities.
• Support for the full range of virtual paths and virtual channels. This is a requirement for the collapsed
backbones that are a part of virtual LANs, and the feature offers support for multimedia applications.
• An option to program the UTOPIA-cell interface as either a PHY or ATM-layer system. This option
provides the TNETA1575 a capability to function as a PHY where the cell switch is distributed or as an
ATM-layer interface for adapter cards or ATM uplinks.
system-level overview
The TNETA1575 and the TNETA1585 provide a flexible, high-performance solution that implements the ATM
forum’s available-bit-rate (ABR) service category, as specified in the ATM-forum traffic management 4.0
interoperability specification. A summary of these two devices follows:
TNETA1575 HyperSAR-PLUS
The TNETA1575 is a SAR engine based on TI’s TNETA1570 architecture. Its primary interfaces are:
• 32-bit PCI for host transfers
• UTOPIA for cell transfers
• COPI for traffic-COP flow-control management
• Control memory for status information
• Local-bus interface for accessing the PHY device via the SAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com