Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETA1575 Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 1 Page - Texas Instruments

  TNETA1575 Datasheet HTML 1Page - Texas Instruments TNETA1575 Datasheet HTML 2Page - Texas Instruments TNETA1575 Datasheet HTML 3Page - Texas Instruments TNETA1575 Datasheet HTML 4Page - Texas Instruments TNETA1575 Datasheet HTML 5Page - Texas Instruments TNETA1575 Datasheet HTML 6Page - Texas Instruments TNETA1575 Datasheet HTML 7Page - Texas Instruments TNETA1575 Datasheet HTML 8Page - Texas Instruments TNETA1575 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Supports Segmentation and Reassembly of
AAL5 Packets in Accordance With ITU-T
Specifications I.361 and I.363
(11/93 Update)
D Integrated 32-Bit PCI Bus 2.1 (06/95)
Interface for Transferring Packet Data to
and From Host Memory
D Provides Simultaneous Segmentation of up
to 2048 Packets
D Provides Simultaneous Reassembly of up
to 2048 Packets
D Provides Full VPI/VCI Support (12 VPI Bits
and 16 VCI Bits) for Transmit and Receive
Operations
D Supports Constant-Bit-Rate (CBR) Traffic
via High-Priority Mechanism or Local Static
Scheduler Table
D Backward Compatible With the TNETA1570
in 32-Bit PCI Mode
D Provides Support for Available-Bit-Rate
(ABR) Traffic via External Coprocessor
Interface (COPI)
D Provides Support for VBR-nrt Traffic via
External COPI
D Transmit-Channel Sleep Mode Prevents the
SAR Polling Channels When No Packets
Are Queued
D High-Performance Features Include Use of
Sideband Signals to Reduce Polling Across
the PCI Bus
D Host Accesses to the PHY-Layer Device
Can Be Performed Indirectly via the
TNETA1575 Local Peripheral Bus
D Local Peripheral Bus Maps the PHY Device
Into the TNETA1575 PCI-Bus Address
Space
D Supports Easy Access to AAL5 Trailer
Information
D Supports Buffer Scatter/Gather (Transmit
and Receive Buffer Chaining)
D Optional Early Segmentation of Packets, So
Segmentation Begins Once a Transmit
Buffer Is Filled, Instead of Waiting for the
Entire Packet to Be Available in Host
Memory
D Calculates the HEC Byte for the Header of
an Outgoing Cell
D Checks the HEC Byte of an Incoming Cell
D UTOPIA Level 1-Compliant Cell Interface
D Internal 32-Cell Receive FIFO
D Cell Interface Can Be Programmed to
Operate as Either a Physical (PHY-Layer)
Interface or as a SAR/Switch (ATM-Layer)
Interface
D Provides Reassembly Time Out for
Incoming Packets
D Provides an Internal Loopback Capability
From Transmit to Receive
D Supports Boundary Scan Through a
Five-Wire JTAG Interface in Accordance
With IEEE Std 1149.1-1990 (Includes IEEE
Std 1149.1a-1993)
description
The TNETA1575 is an asynchronous transfer mode (ATM) segmentation and reassembly (SAR) device with
a peripheral component interconnect (PCI)-bus interface and a coprocessor interface (COPI). The TNETA1575
continues the line of Texas Instruments (TI)
™ ATM SAR devices directed toward the classical LAN-to-ATM
translation market segment. Features have been extended to include the COPI interface, which interfaces to
an external scheduler with high-performance features to eliminate polling on the PCI bus. The TNETA1575 is
designed for the emerging class of high-performance enterprise networking hubs that utilize ATM in the
backplane, in addition to the traditional frame-/packet-based bus systems. Some of the features required for
this application include: high level of virtual channel/virtual path support, support for isochronous services, early
segmentation, and high-performance, 32-bit PCI-bus support. The feature set required by cell-operating
enterprise hubs is different from the sets being offered by other SAR devices, which are directed primarily toward
the adapter card market.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1998, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Thundercell and TI are trademarks of Texas Instruments Incorporated.


Similar Part No. - TNETA1575

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETA1570 TI1-TNETA1570 Datasheet
898Kb / 68P
ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
More results

Similar Description - TNETA1575

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73121 PMC-PM73121 Datasheet
2Mb / 223P
AAL1 Segmentation And Reassembly Processor
logo
Integrated Device Techn...
IDT77901C IDT-IDT77901C Datasheet
76Kb / 5P
NICStAR Evaluation Board for IDT77201 PCI Segmentation and Reassembly Controller
IDT77911 IDT-IDT77911 Datasheet
76Kb / 5P
NICStAR Evaluation Board for IDT77211 PCI Segmentation and Reassembly Controller
logo
Vitesse Semiconductor C...
VSC7344 VITESSE-VSC7344 Datasheet
500Kb / 2P
Ethernet MAC with SPI-4.2 and XAUI Host Interfaces
logo
Texas Instruments
TNETA1570 TI1-TNETA1570 Datasheet
898Kb / 68P
ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
Altera Corporation
EP2AGX95EF29C6N ALTERA-EP2AGX95EF29C6N Datasheet
11Mb / 380P
Device Interfaces and Integration
logo
AAEON Technology
NIM-S26A AAEON-NIM-S26A Datasheet
120Kb / 1P
pci-express host interfaces
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
ATM SAR and PHY Processor for PCI Bus
logo
AAEON Technology
NIM-S26C AAEON-NIM-S26C Datasheet
161Kb / 1P
PCI-Express Host Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com