Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT77911 Datasheet (PDF) - Integrated Device Technology

IDT77911 Datasheet PDF - Integrated Device Technology
Part # IDT77911
Download  IDT77911 Download
File Size   76.36 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description NICStAR Evaluation Board for IDT77211 PCI Segmentation and Reassembly Controller

IDT77911 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT77911 Datasheet PDF - Integrated Device Technology

Part # IDT77911
Download  IDT77911 Click to download

File Size   76.36 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description NICStAR Evaluation Board for IDT77211 PCI Segmentation and Reassembly Controller

IDT77911 Datasheet (HTML) - Integrated Device Technology


IDT77911 Product details

DESCRIPTION:
The IDT77911 is designed to provide a stable reference platform for evaluation, design, and test of IDTs 77211 Segmentation and Reassembly controller. The IDT77911 provides a fiber media physical (PHY) interface. The IDT77911 features complete PCI-bus ATM NIC functionality, plugging directly into PCI bus expansion slots.Test points, including sockets for logic analyzer and oscilloscope probes are provided on all buses. These connectors may be used for simple probing into all buses and active signals lines for hardware and/or software design, verification, and debugging operations.

FEATURES:
• Complete 155Mbps PCI-bus ATM Network Interface Card
• Complete reference design including schematics, bill of materials, and theory of operation
• Connectors for logic analyzers and oscilloscopes
• Supports 33MHz, 32-bit PCI 2.0 bus
• 155Mbps Multimode fiber optical interface
• Complete reference design including schematics, bill of materials, and data bases needed for production.
• Capable of supporting up to 16K receive connections
• Supports tens of thousands of transmit connections
• E2 PROM layout for Sub-vendor ID
• "SARWIN" software evaluation program available for Windows 3.1™




Similar Part No. - IDT77911

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77914 IDT-IDT77914 Datasheet
26Kb / 4P
NICStAR??Reference Design 155Mbps Network Interface Card NIC
IDT77915 IDT-IDT77915 Datasheet
26Kb / 4P
NICStAR??Reference Design 155Mbps Network Interface Card NIC
IDT77916 IDT-IDT77916 Datasheet
20Kb / 2P
NICStAR Reference Design 25Mbps ATM Network Interface Card NIC with PCI interface and UTP3
More results


Similar Description - IDT77911

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73121 PMC-PM73121 Datasheet
2Mb / 223P
AAL1 Segmentation And Reassembly Processor
logo
Analog Devices
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
logo
Integrated Device Techn...
IDT77901C IDT-IDT77901C Datasheet
76Kb / 5P
NICStAR Evaluation Board for IDT77201 PCI Segmentation and Reassembly Controller
logo
Texas Instruments
TNETA1570 TI1-TNETA1570 Datasheet
898Kb / 68P
ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
STMicroelectronics
STEVAL-ISB019V1 STMICROELECTRONICS-STEVAL-ISB019V1 Datasheet
422Kb / 4P
Evaluation board for STCC2540 USB charging controller
04-Mar-2014
logo
Newhaven Display Intern...
NHD-3.5-320240MF-20 NEWHAVEN-NHD-3.5-320240MF-20 Datasheet
322Kb / 7P
TFT Controller Evaluation Board
NHD-3.5-320240MF-22 NEWHAVEN-NHD-3.5-320240MF-22 Datasheet
453Kb / 7P
TFT Controller Evaluation Board
logo
Contec Co., Ltd
SMC-4DL-PE CONTEC-SMC-4DL-PE Datasheet
686Kb / 6P
Motion Controller Board for PCI Express
logo
Analog Technologies, In...
TEC28V15AEV1 ANALOGTECHNOLOGIES-TEC28V15AEV1 Datasheet
5Mb / 10P
Evaluation Board for TEC Controller
4/21/2022
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com