Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT77914 Datasheet (PDF) - Integrated Device Technology

IDT77914 Datasheet PDF - Integrated Device Technology
Part # IDT77914
Download  IDT77914 Download
File Size   26.71 Kbytes
Page   4 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description NICStAR??Reference Design 155Mbps Network Interface Card NIC

IDT77914 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT77914 Datasheet PDF - Integrated Device Technology

Part # IDT77914
Download  IDT77914 Click to download

File Size   26.71 Kbytes
Page   4 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description NICStAR??Reference Design 155Mbps Network Interface Card NIC

IDT77914 Datasheet (HTML) - Integrated Device Technology


IDT77914 Product details

DESCRIPTION:
The IDT77914 and IDT77915 are designed to provide stable reference platforms for evaluation, design, and production of a 155Mbps NIC. The IDT77914 provides a fiber media physical (PHY) interface; the 77915 supports Unshielded Twisted Pair, Category 5 (UTP-5) cabling. Otherwise identical, they both feature complete PCI-bus ATM NIC functionality, plugging directly into PCI bus expansion slots.

FEATURES:
• Complete 155Mbps PCI-bus ATM Network Interface Card
• Supports 33MHz, 32-bit PCI bus
• 155Mbps Multimode fiber optical interface (77914)
• 155Mbps UTP-5 PHY interface (77915)
• Complete reference design including schematics, bill of materials, and data bases needed for production.
• Capable of supporting up to 16K receive connections
• Supports tens of thousands of transmit connections
• E2 PROM layout for Sub-vendor ID
• Small Form Factor: 2.5 x 6 inches
• "SARWIN" software evaluation program available for Windows 3.1™
• Third Party Software available:
    - Telogy Networks
        Windows NT™ Drivers and other Windows Drivers
        21 Firstfield Road, Gaithersburg, Maryland 20878
        (301) 527-2788 (phone) (301) 417-0324 (FAX)
        hluterman@telogy.com
    - Harris & Jefferies
        Novel Netware™ Drivers
        888 Washington Street, Dedham,
        Massachusetts, 02026
        (617) 329-3200 (phone) (617) 329-4148 (FAX)
        chrisb@hjinc,com
    - Advancenet Systems Inc.
        Windows NT™ and Windows 95™ Drivers
        406 Timbermill Rd., Durham, North Carolina 27713
        (919) 544-5601 (phone) (919) 544-4601 (FAX)
        j.harford@ieee.org or
        75141,2635@compuserve.com




Similar Part No. - IDT77914

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77911 IDT-IDT77911 Datasheet
76Kb / 5P
NICStAR Evaluation Board for IDT77211 PCI Segmentation and Reassembly Controller
IDT77916 IDT-IDT77916 Datasheet
20Kb / 2P
NICStAR Reference Design 25Mbps ATM Network Interface Card NIC with PCI interface and UTP3
More results


Similar Description - IDT77914

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8390D NSC-DP8390D Datasheet
689Kb / 56P
NIC Network Interface Controller
logo
Integrated Device Techn...
IDT77904C IDT-IDT77904C Datasheet
26Kb / 4P
NICStAR??Reference Design 155Mbps Network Interface Card (NIC)
IDT77916 IDT-IDT77916 Datasheet
20Kb / 2P
NICStAR Reference Design 25Mbps ATM Network Interface Card NIC with PCI interface and UTP3
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
Texas Instruments
DP8390D TI1-DP8390D Datasheet
943Kb / 58P
NIC Network Interface Controller
logo
Powerex Power Semicondu...
BP7B-LS POWEREX-BP7B-LS Datasheet
206Kb / 6P
BP7B ??L-Series IPM Interface Circuit Reference Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
UNMANAGED REFERENCE DESIGN
06/10/10
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com