Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT77916 Datasheet (PDF) - Integrated Device Technology

IDT77916 Datasheet PDF - Integrated Device Technology
Part # IDT77916
Download  IDT77916 Download
File Size   20.7 Kbytes
Page   2 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description NICStAR Reference Design 25Mbps ATM Network Interface Card NIC with PCI interface and UTP3

IDT77916 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT77916 Datasheet PDF - Integrated Device Technology

Part # IDT77916
Download  IDT77916 Click to download

File Size   20.7 Kbytes
Page   2 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description NICStAR Reference Design 25Mbps ATM Network Interface Card NIC with PCI interface and UTP3

IDT77916 Datasheet (HTML) - Integrated Device Technology


IDT77916 Product details

DESCRIPTION:
The IDT77916 is the first reference design for full, 25Mbps ATM Network Interface Card (NIC) from IDT. The IDT NIC card reference designs and evaluation cards provide the fastest way to for OEMs to get their ATM software and hardware up and running.

FEATURES:
• Complete 25Mbps PCI-bus ATM Network Interface Card
• Complete reference design including schematics, bill of materials, and data bases needed for production.
• Supports 33MHz, 32-bit PCI 2.0 bus
• 25Mbps UTP-3 PHY interface
• Capable of supporting 4K receive connections
• Supports tens of thousands of transmit connections
• E2 PROM layout for Sub-vendor ID
• Small Form Factor: 2 x 6 inches
• 2 LEDs: Transmit and Receive
• "SARWIN" software evaluation program available for Windows 3.1™




Similar Part No. - IDT77916

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77911 IDT-IDT77911 Datasheet
76Kb / 5P
NICStAR Evaluation Board for IDT77211 PCI Segmentation and Reassembly Controller
IDT77914 IDT-IDT77914 Datasheet
26Kb / 4P
NICStAR??Reference Design 155Mbps Network Interface Card NIC
IDT77915 IDT-IDT77915 Datasheet
26Kb / 4P
NICStAR??Reference Design 155Mbps Network Interface Card NIC
More results


Similar Description - IDT77916

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8390D NSC-DP8390D Datasheet
689Kb / 56P
NIC Network Interface Controller
logo
PMC-Sierra, Inc
PM5348 PMC-PM5348 Datasheet
66Kb / 2P
Two-Channel ATM SATURN User Network Interface
PM7324 PMC-PM7324 Datasheet
59Kb / 4P
SATURN User Network Interface ATM Layer Solution
logo
Integrated Device Techn...
IDT77904C IDT-IDT77904C Datasheet
26Kb / 4P
NICStAR??Reference Design 155Mbps Network Interface Card (NIC)
IDT77914 IDT-IDT77914 Datasheet
26Kb / 4P
NICStAR??Reference Design 155Mbps Network Interface Card NIC
logo
TALEMA Group. LLC
UTM-3000-J TALEMA-UTM-3000-J Datasheet
82Kb / 1P
ATM 25MBPS Pulse Transformer for Novacom & SEEQ PHY Interface
logo
Rhombus Industries Inc.
T-15503 RHOMBUS-IND-T-15503 Datasheet
37Kb / 1P
ATM Interface Transformers
logo
Texas Instruments
TNETA1570 TI1-TNETA1570 Datasheet
898Kb / 68P
ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
DP8390D TI1-DP8390D Datasheet
943Kb / 58P
NIC Network Interface Controller
logo
PMC-Sierra, Inc
PM7324-1 PMC-PM7324-1 Datasheet
49Kb / 2P
SATURN User Network Interface ATM Layer Solution
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com