Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4S1394DQLR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S1394DQLR
Description  FIREWIRE ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4S1394DQLR Datasheet(HTML) 2 Page - Texas Instruments

  TPD4S1394DQLR Datasheet HTML 1Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 2Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 3Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 4Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 5Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 6Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 7Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 8Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
V
CC
GND
V
CMLP
FWPWR_EN
D2+
D2
–
D1+
D1
–
Reference
Generator
V
REF
TPD4S1394
SLVSA55 – NOVEMBER 2009
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
PIN NO.
NAME
1
VCC
Power
Power supply
2
GND
GND
Ground
3
VCLMP
O
Comparator trip reference
4
FWPWR_EN
O
Control output
5, 6,
D2+, D2–,
I
High-speed ESD clamp inputs
7, 8
D1+, D1–
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VIO
IO voltage range at D+, D–, VCLMP
0
4
V
FWPWR_E
Switch output
–0.5
4.6
V
N
Tstg
Storage temperature range
–65
150
°C
TA
Operating free-air temperature range
–40
85
°C
IEC 61000-4-2 Contact Discharge
D+, D– pins
±6
kV
HBM ESD
D+, D– pins
±15
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3.0
3.6
V
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPD4S1394



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com