Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4S1394DQLR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S1394DQLR
Description  FIREWIRE ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4S1394DQLR Datasheet(HTML) 3 Page - Texas Instruments

  TPD4S1394DQLR Datasheet HTML 1Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 2Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 3Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 4Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 5Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 6Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 7Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 8Page - Texas Instruments TPD4S1394DQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage Bias (V)
TPD4S1394
www.ti.com
SLVSA55 – NOVEMBER 2009
ELECTRICAL CHARACTERISTICS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage at D1+, D1-, D2+, and D2- to trip the
2.9
3.4
4.0
FWPWR_EN from high to low
Vdx
V
Voltage to trip the FWPWR_EN from low to high
2.7
3.2
3.8
VCLMP
Value on pin
No connect
2.45
V
Loading on FWPWR_EN = 50
ttrip
Time for FWPWR_EN to go low
0.5
2
5
μs
pF
treset
Time delay for the FWPWR_EN to go high after
FWPWR_EN = VCC
300
450
600
ms
trip condition is met
VBR
Breakdown voltage at VCLAMP
II = 1 mA
4.2
V
VD
Diode forward voltage for lower clamp
ID = 8 mA lower clamp diode
–0.6
–0.8
–0.95
V
FWPWR_E
Switch output
VCC
V
N
Dynamic resistance (for in and out clamp) of the
RDYN
I = 1 A
1
Ω
D+, D-
CIO
IO Capacitance of D+, D-
VIO = 2.5 V
1.5
2
pF
VCC = 3.3 V, FWPWR_EN =
ICC
Current Consumption
130
200
μA
high
(1)
A 0.1-
μF decoupling capacitor is required at VCC (pin 1).
TYPICAL CHARACTERISTICS
Figure 1. IO Capacitance vs IO Voltage (D+, D– Pins)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD4S1394



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com