Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST38VF166 Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST38VF166
Description  16 Megabit FlashBank Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST38VF166 Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST38VF166 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
Data Sheet
16 Megabit FlashBank Memory
SST38VF166
3
©2001 Silicon Storage Technology, Inc.
327-3 2/01
S71065
subsequent bus cycle, when WE# is low, in the SDP com-
mand sequence, the device will abort the attempted SDP
command and revert to the Read mode. Note, the SDP
command sequence may be suspended by taking WE#
high. A different BE# may then be pulsed to read from
either of the banks not involved with the SDP command
sequence.
For the purposes of simplification, the following descrip-
tions will assume WE# is toggled to initiate an Erase, Pro-
gram, or Write. Toggling the applicable BE# will accomplish
the same function. Note, there are separate timing dia-
grams to illustrate both WE# and BE# controlled Program
or Write commands.
Flash Bank Word-Program
The Flash bank Word-Program operation consists of issu-
ing the SDP Word-Program command, initiated by forcing
BE#1 or BE#2 and WE# low, and OE# high. The words to
be programmed must be in the erased state, prior to pro-
gramming. The Word-Program command programs the
desired addresses word-by-word. During the Word-Pro-
gram cycle, the addresses are latched by the falling edge of
WE#. The data is latched by the rising edge of WE#. See
Figure 5 or 7 for WE# or 6 and 8 for BE# controlled Word-
Program cycle timing waveforms, Table 6 for the command
sequence, and Figure 49 for a flowchart.
During the Flash bank Erase or Program operation, the
only valid reads from that bank are Data# Polling and Tog-
gle Bit. The other Flash bank or the E2 bank may be read.
The specified Bank-, Block-, or Sector-Erase time is the
only time required to erase. There are no preprogramming
or other commands or cycles required either internally or
externally to erase the bank, block, or sector.
E2 Bank Word-Write
The E2 bank Word-Write operation consists of issuing the
SDP command, initiated by forcing BE#3 and WE# low,
and OE# high; followed by the Word Load cycle to the
SST38VF166. The internally controlled Write cycle stores
the data loaded in the word buffer into the E2 bank. The
address selected is then erased and programmed, by inter-
nally controlled signals. During the Word Load cycle, the
address is latched by the falling edge of WE#. The data is
latched by the rising edge of WE#. The internal write cycle
is initiated on the rising edge of WE#. The Write cycle, once
initiated, will continue to completion, typically within 7 ms.
See Figure 9 for WE# or 10 for BE# controlled write cycle
timing waveforms, Table 7 for the command sequence, and
Figure 48 for a flowchart.
The Write operation has two functional cycles: the Word
Load cycle and the internal Write cycle. The Word Load
cycle consists of loading 1 word of data into the word buffer
at the completion of the SDP sequence. The internal Write
cycle consists of the write timer operation, to erase and
program the selected address. Note, the word does NOT
have to be erased prior to writing. During the Write opera-
tion, the only valid reads are Data# Polling and Toggle Bit
from the E2 bank or normal read from either of the Flash
banks.
E2 Bank Word-Program
The E2 bank Word-Program operation consists of issuing
the SDP Word-Program command, initiated by forcing
BE#3 and WE# low and OE# high. The Word-Program
command programs the desired addresses word-by-word.
The words to be programmed must be in the erased state,
prior to programming, unlike the Word-Write operation.
During the Word-Program cycle, the addresses are latched
by the falling edge of WE#. The data is latched by the rising
edge of WE#. See Figure 11 for WE# or 12 for BE#3 con-
trolled Program cycle timing waveforms, Table 7 for the
command sequence and Figure 50 for a flowchart.
During the E2 bank Erase or Program operation, the only
valid reads from the bank are Data# Polling and Toggle Bit.
Either Flash bank may be read.
The specified Bank- or Sector-Erase time is the only time
required to erase. There are no preprogramming or other
commands or cycles required either internally or externally
to erase the bank or sector.
Erase Operations
The Bank-Erase is initiated by a specific six-word load
sequence See Tables 6 and 7. A Bank-Erase will typically
be less than 70 ms.
An alternative to the Bank-Erase in the Flash bank is the
Block-Erase or Sector-Erase. The Block-Erase will erase
an entire Block (32 KWords) in typically 15 ms. The Sector-
Erase will erase an entire sector (1024 words) in typically
15 ms. The Sector-Erase provides a means to alter a sin-
gle sector using the Sector-Erase and Word-Program
modes. The Sector-Erase is initiated by a specific six-word
load sequence, see Table 6.
The E2 bank may also use a Sector-Erase, instead of
Bank-Erase. An E2 bank sector consists of 32 words that
will typically erase in 7 ms. The Sector-Erase is initiated by
a specific six-word load sequence, see Table 7. Sector- or
Bank-Erase and Word-Program is an alternative to Word-
Write as a means to alter the E2 bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com