Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST38VF166 Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST38VF166
Description  16 Megabit FlashBank Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST38VF166 Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST38VF166 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
Data Sheet
16 Megabit FlashBank Memory
SST38VF166
©2001 Silicon Storage Technology, Inc.
327-3 2/01
S71065
During any Sector-, Block-, or Bank-Erase within a bank,
any other bank may be read. During the Word-Write of the
E2 bank, either Flash bank may be read.
Flash Bank Bank-Erase
The SST38VF166 provides a Flash Bank-Erase mode,
which allows the user to clear the Flash bank to the “1”
state. This is useful when the entire Flash must be quickly
erased.
The software Flash Bank-Erase mode is initiated by issuing
the specific six-word loading sequence, as in the Software
Data Protection operation. After the loading cycle, the
device enters into an internally timed cycle. See Table 6 for
specific codes, Figure 13 or 16 for the timing waveform,
and Figure 44 for a flowchart.
Flash Bank Block-Erase
The SST38VF166 provides a Block-Erase mode, which
allows the user to clear any block in the Flash bank to the
“1” state.
The software Block-Erase mode is initiated by issuing the
specific six-word loading sequence, as in the Software
Data Protect operation. After the loading cycle, the device
enters into an internally timed Erase cycle. See Table 6 for
specific codes, Figure 14 or 17 for the timing waveform,
and Figure 45 for a flowchart. During the Erase operation,
the only valid reads are Data# Polling and Toggle Bit from
the selected bank, other banks may perform normal read.
Flash Bank Sector-Erase
The SST38VF166 provides a Sector-Erase mode, which
allows the user to clear any sector in the Flash bank to the
“1” state.
The software Sector-Erase mode is initiated by issuing the
specific six-word loading sequence, as in the Software
Data Protect operation. After the loading cycle, the device
enters into an internally timed Erase cycle. See Table 6 for
specific codes, Figure 15 or 18 for the timing waveform,
and Figure 47 for a flowchart. During the Erase operation,
the only valid reads are Data# Polling and Toggle Bit from
the selected bank, other banks may perform normal read.
E2 Bank Bank-Erase
The SST38VF166 provides a E2 Bank-Erase mode, which
allows the user to clear the E2 bank to the “1” state. This is
useful when the entire E2 bank must be quickly erased.
The E2 bank Bank-Erase command is disabled if the E2
bank OTP option is enabled.
The E2 Bank-Erase mode is initiated by issuing the specific
six-word loading sequence, as in the Software Data Pro-
tection operation. After the loading cycle, the device enters
into an internally timed cycle. See Table 7 for specific
codes, Figure 19 for the timing waveform, and Figure 44 for
a flowchart.
E2 Bank Sector-Erase
The SST38VF166 provides a Sector-Erase mode, which
allows the user to clear any sector in the E2 bank to the “1”
state. The software Sector-Erase mode is initiated by issu-
ing the specific six-word loading sequence, as in the Soft-
ware Data Protect operation. After the loading cycle, the
device enters into an internally timed. See Tables 6 and 7
for specific codes, Figure 20 for the timing waveform, and
Figure 46 for a flowchart. During the Erase operation, the
only valid reads are Data# Polling and Toggle Bit in the E2
bank or normal read from either of the Flash banks.
Write Operation Status Detection
The SST38VF166 provides two software means to detect
the completion of a E2 bank or a Flash bank Program
cycle, in order to optimize the system Write cycle time. The
software detection includes two status bits: Data# Polling
(DQ7) and Toggle Bit (DQ6). The End-of-Write Detection
mode is enabled after the rising edge of WE#, which ini-
tiates the internal Write, Erase, or Program cycle.
The actual completion of the nonvolatile write is asynchro-
nous with the system; therefore, either a Data# Polling or
Toggle Bit read may be simultaneous with the completion
of the Write cycle. If this occurs, the system will possibly get
an erroneous result, i.e. valid data may appear to conflict
with either DQ7 or DQ6. In order to prevent spurious device
rejection, if an erroneous result occurs, the software routine
should include a loop to read the accessed location an
additional two (2) times. If both reads are valid, then the
device has completed the Write cycle, otherwise the rejec-
tion is valid.
Additionally, a Write Status read may be executed to deter-
mine if any bank has an Erase, Program, or Write opera-
tion in progress. A Write Status read may be used when,
for any reason, the system may have lost track of the status
of a Write, Erase, or Program operation in any bank.
Although normally, a Word-Write, Word-Program, Sector-
Erase, or Block-Erase will be completed prior to recovery
from a system reset, if a Bank-Erase was initiated prior to
the reset, the system may need to verify the Bank-Erase is
no longer in progress. Note, a Bank-Erase will not be per-
formed on the bank containing the boot code, so there will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com