Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST48CF064 Datasheet(PDF) 44 Page - Silicon Storage Technology, Inc

Part # SST48CF064
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF064 Datasheet(HTML) 44 Page - Silicon Storage Technology, Inc

Back Button SST48CF064 Datasheet HTML 40Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 41Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 48Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
44
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.2.1.6 Idle - 97H or E3H
This command causes the CompactFlash card to set BSY, enter the Idle mode, clear BSY and generate
an interrupt. If the sector count is non-zero, it is interpreted as a timer count with each count being 5
milliseconds and the automatic power down mode is enabled. If the sector count is zero, the automatic
power down mode is also enabled, the timer count is set to 3, with each count being 5 ms. Note that this
time base (5 msec) is different from the ATA specification.
3.2.1.7 Idle Immediate - 95H or E1H
This command causes the CompactFlash card to set BSY, enter the Idle mode, clear BSY and generate
an interrupt.
3.2.1.8 Initialize Drive Parameters - 91H
This command enables the host to set the number of sectors per track and the number of heads per
cylinder. Only the Sector Count and the Card/Drive/Head registers are used by this command.
Bit ->
76
54
32
10
Command (7)
97H or E3H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Timer Count (5 msec increments)
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
95H or E1H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Timer Count (5 msec increments)
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
91H
C/D/H (6)
X
0
X
Drive
Max Head (no. of heads-1)
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Number of Sectors
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com