Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST48CF064 Datasheet(PDF) 51 Page - Silicon Storage Technology, Inc

Part # SST48CF064
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF064 Datasheet(HTML) 51 Page - Silicon Storage Technology, Inc

Back Button SST48CF064 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 50Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 51Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 52Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 53Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 54Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 55Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
51
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.2.1.22 Translate Sector - 87H
This command allows the host a method of determining the exact number of times a user sector has
been erased and programmed. The controller responds with a 512 Byte buffer of information containing
the desired cylinder, head and sector, including its Logical Address, and the Hot Count, if available, for
that sector. Table 3-11 represents the information in the buffer. Please note that this command is unique
to the CompactFlash card.
3.2.1.23 Wear Level - F5H
This command is effectively a NOP command and only implemented for backward compatibility. The
Sector Count Register will always be returned with an 00H indicating Wear Level is not needed.
Bit ->
76
54
32
10
Command (7)
87H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
X
Feature (1)
X
TABLE 3-11: TRANSLATE SECTOR INFORMATION
Address
Information
00H-01H
Cylinder MSB (00), Cylinder LSB (01)
02H
Head
03H
Sector
04H-06H
LBA MSB (04) - LSB (06)
07H-12H
Reserved
13H
Erased Flag (FFH) = Erased; 00H = Not Erased
14H - 17H
Reserved
18H-1AH
Hot Count MSB (18) - LSB (1A)1
1. A value of 0 indicates Hot Count is not supported.
1BH-1FFH
Reserved
T3-11.0 375
Bit ->
76
54
32
10
Command (7)
F5H
C/D/H (6)
XX
X
Drive
Flag
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Completion Status
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com