Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST89C54 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST89C54
Description  FlashFlex51 MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89C54 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST89C54 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
© 2000 Silicon Storage Technology, Inc.
344-2 8/00
FlashFlex51 MCU
SST89C54 / SST89C58
Preliminary Specifications
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
The BYTE-PROGRAM and BURST-PROGRAM com-
mands are used for programming new data into the
memory array. Selection of which Program command to
use will be dependent upon the desired programming
field size. Programming will not take place if any security
locks are enabled on the selected memory block.
The BYTE-PROGRAM command programs data into a
single byte. Ports P0[7:0] are used for data in. The
memory location is selected by P1[7:0], P2[5:0], and
P3[5:4] (A15-A0). The BYTE-PROGRAM command is
selected by the binary code of 11b on P3[7:6] and 10b on
P2[7:6]. See Figure 14 for timing waveforms.
The BURST-PROGRAM command programs data to an
entire row, sequentially byte-by-byte. Ports P0[7:0] are
used for data in. The memory location is selected
by P1[7:0], P2[5:0], and P3[5:4] (A15-A0). The BURST-
PROGRAM command is selected by the binary code of
01b on P3[7:6] and 10b on P2[7:6]. See Figure 15 for
timing waveforms.
The BYTE-VERIFY command allows the user to verify
that the SST89C54/58 correctly performed an Erase or
Program command. Ports P0[7:0] are used for data out.
The memory location is selected by P1[7:0], P2[5:0], and
P3[5:4] (A15-A0). The BYTE-VERIFY command is se-
lected by the binary code of 11b on P3[7:6] and 00b on
P2[7:6]. This command will be disabled if any security
locks are enabled on the selected memory block. See
Figure 16 for timing waveforms.
The PROG-SB1, PROG-SB2, PROG-SB3 commands
program the security bits, the functions of these bits are
described in a Security Lock section and also in Table 8.
Once programmed, these bits can only be cleared
through a CHIP-ERASE command.
The PROG-RB1, and PROG-RB0 commands program
the Re-Map[1:0] bits. The Re-Map[1:0] bits determine
the Memory Re-mapping default option on reset. Upon
completion of the Reset sequence, the MAP_EN[1:0]
bits are initialized to the default value set by the Re-
Map[1:0] bits according to Table 2. Subsequent program
manipulation of MAP_EN[1:0] bits will alter the Memory
Re-mapping option but will not change the Re-Map[1:0]
bits. Therefore, any changes to MAP_EN[1:0], without
corresponding updates to Re-Map[1:0], will not survive a
Reset cycle.
If an External Host Mode command, except for CHIP-
ERASE, is issued to a locked memory block, the device
will ignore this command.
External Host Mode Clock Source
In External Host Mode, an internal oscillator will provide
clocking for the SST89C54/58. The on-chip oscillator will
be turned on as the SST89C54/58 enters External Host
Mode; i.e. when PSEN# goes low while RST is high. The
oscillator provides both clocking for the Flash Control
Unit as well as timing references for Program and Erase
operations. During External Host Mode, the CPU core is
held in reset. Upon exit from External Host Mode, the
internal oscillator is turned off.
The same oscillator also provides the time base for the
watchdog timer and timing references for IAP Mode
Program and Erase operations. See more detailed de-
scription in later sections.
Arming Command
An arming command sequence must take place before
any External Host Mode sequence command is recog-
nized by the SST89C54/58. This prevents accidental
triggering of External Host Mode Commands due to
noise or programmer error. The arming command is as
follows:
1.
PSEN# goes low while RST is high. This will get
the machine in External Host Mode, re-configur-
ing the pins.
2.
A Read-ID command is issued and held for 1 ms.
After the above sequence, all other External Host Mode
commands are enabled. Before the Read-ID command
is received, all other External Host commands received
are ignored.
Programming a SST89C54/58
To program data into the memory array, apply power
supply voltage (VDD) to VDD and RST pins, and perform
the following steps:
1.
Maintain RST high and toggle PSEN# from logic
high to low, in sequence per the appropriate timing
diagram.
2.
Raise EA# High (either VIH or VH).
3.
Issue READ-ID command to enable the External
Host Mode.
4.
Verify that the memory blocks or sectors for pro-
gramming is in the erased state, FFh. If they are not
erased, then erase them using the appropriate
Erase command.
5.
Select the memory location using the address lines
(P1[7:0], P2[5:0], P3[5:4]).
6.
Present the data in on P0[7:0].
7.
Pulse ALE/PROG#, observing minimum pulse
width.
8.
Wait for low to high transition on READY/BUSY#
(P3[3]).
9.
Repeat steps 5 – 8 until programming is finished.
10. Verify the flash memory contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com