Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST89C54 Datasheet(PDF) 39 Page - Silicon Storage Technology, Inc

Part # SST89C54
Description  FlashFlex51 MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89C54 Datasheet(HTML) 39 Page - Silicon Storage Technology, Inc

Back Button SST89C54 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 40Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 41Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 43Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
39
© 2000 Silicon Storage Technology, Inc.
344-2 8/00
FlashFlex51 MCU
SST89C54 / SST89C58
Preliminary Specifications
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
4.5 < VDD < 5.5
4.5 < VDD < 5.5
4.5 < VDD < 5.5
VDD = 4.5V
IOL = 16mA
VDD = 4.5V
IOL = 100µA 1
IOL = 1.6mA 1
IOL = 3.5mA 1
VDD = 4.5V
IOL = 200µA 1
IOL = 3.2mA 1
VDD = 4.5V
IOH = -10µA
IOH = -30µA
IOH = -60µA
VDD = 4.5V
IOH = -200µA
IOH = -3.2mA
VIN = 0.4V
VIN = 2V
0.45 < VIN <
VDD-0.3
@ 1 MHz, 25°C
Tamb =0°C to + 70°C
Tamb =-40°C to +85°C
Minimum VDD = 2.7V
Tamb =0°C to + 70°C
Tamb =-40°C to +85°C
344 PGM T13A.5
TABLE 13A: DC ELECTRICAL CHARACTERISTICS
TAMB = O°C TO + 70°C OR -40°C TO +85°C, 33MHZ DEVICES; 5V ±10%; VSS = 0V
Symbol
Parameter
Test Conditions
Limits
Units
Min
Max
VIL
VIH
VIH1
VOL
VOL
VOL1
VOH
VOH1
IIL
ITL
ILI
RRST
CIO
IDD
Input Low Voltage
Input High Voltage (ports 0,1,2,3)
Input High Voltage (XTAL1, RST)
Output Low Voltage
(Ports 1.5, 1.6, 1.7)
Output Low Voltage
(Ports 1, 2, 3) 5
Output Low Voltage
(Port 0, ALE, PSEN#) 4,5
Output High Voltage
(Ports 1, 2, 3, ALE, PSEN#) 2
Output High Voltage
(Port 0 in External Bus Mode) 2
Logical 0 Input Current
(Ports 1, 2, 3)
Logical 1-to-0 Transition Current
(Ports 1, 2, 3) 3
Input Leakage Current (Port 0)
RST Pulldown Resistor
Pin Capacitance6
Power Supply Current 7
In-Application Mode
@ 12 MHz
@ 33 MHz
Active Mode
@ 12 MHz
@ 33 MHz
Idle Mode
@ 12 MHz
@ 33 MHz
Standby (Stop Clock) Mode
Power Down Mode
-0.5
0.2VDD + 0.9
0.7VDD
VDD - 0.3
VDD - 0.7
VDD – 1.5
VDD - 0.3
VDD - 0.7
-1
40
0.2VDD - 0.1
VDD + 0.5
VDD + 0.5
1.0
0.3
0.45
1.0
0.3
0.45
-75
-650
±10
225
15
70
88
25
45
12
24
100
125
40
50
V
V
V
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
k
W
pF
mA
mA
mA
mA
mA
mA
µA
µA
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com