Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST48CF192 Datasheet(PDF) 42 Page - Silicon Storage Technology, Inc

Part # SST48CF192
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF192 Datasheet(HTML) 42 Page - Silicon Storage Technology, Inc

Back Button SST48CF192 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 40Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 41Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 46Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
42
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.2.1.5.1 General Configuration
This field informs the host that this is a non-magnetic, hard sectored, removable storage device with a
transfer rate greater than 10 MByte/sec and is not MFM encoded.
3.2.1.5.2 Default Number of Cylinders
This field contains the number of translated cylinders in the default translation mode. This value will be
the same as the number of cylinders.
3.2.1.5.3 Default Number of Heads
This field contains the number of translated heads in the default translation mode.
3.2.1.5.4 Number of Unformatted Bytes per Track
This field contains the number of unformatted bytes per translated track in the default translation mode.
3.2.1.5.5 Number of Unformatted Bytes per Sector
This field contains the number of unformatted bytes per sector in the default translation mode.
3.2.1.5.6 Default Number of Sectors per Track
This field contains the number of sectors per track in the default translation mode.
3.2.1.5.7 Number of Sectors per Card
This field contains the number of sectors per CompactFlash card. This double word value is also the
first invalid address in LBA translation mode.
3.2.1.5.8 Memory Card Serial Number
The contents of this field are right justified and padded with spaces (20H).
3.2.1.5.9 Buffer Type
This field defines the buffer capability:
0002H: a dual ported multi-sector buffer capable of simultaneous data transfers to or from the host and
the CompactFlash card.
3.2.1.5.10 Buffer Size
This field defines the buffer capacity in 512 Byte increments. SST’s CompactFlash card has up to 8
sector data buffer for host interface.
3.2.1.5.11 ECC Count
This field defines the number of ECC bytes used on each sector in the Read and Write Long
commands.
3.2.1.5.12 Firmware Revision
This field contains the revision of the firmware for this product.
3.2.1.5.13 Model Number
This field contains the model number for this product and is left justified and padded with spaces (20H).
3.2.1.5.14 Read/Write Multiple Sector Count
This field contains the maximum number of sectors that can be read or written per interrupt using the
Read Multiple or Write Multiple commands. SST’s CompactFlash card can support up to 2 sectors for
Read Multiple or Write Multiple Commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com