Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST48CF192 Datasheet(PDF) 47 Page - Silicon Storage Technology, Inc

Part # SST48CF192
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF192 Datasheet(HTML) 47 Page - Silicon Storage Technology, Inc

Back Button SST48CF192 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 50Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 51Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
47
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.2.1.13 Read Verify Sector(s) - 40H or 41H
This command is identical to the Read Sectors command, except that DRQ is never set and no data is
transferred to the host. When the command is accepted, the CompactFlash card sets BSY.
When the requested sectors have been verified, the CompactFlash card clears BSY and generates an
interrupt. Upon command completion, the Command Block Registers contain the cylinder, head, and
sector number of the last sector verified.
If an error occurs, the verify terminates at the sector where the error occurs. The Command Block
Registers contain the cylinder, head and sector number of the sector where the error occurred. The
Sector Count Register contains the number of sectors not yet verified.
3.2.1.14 Recalibrate - 1XH
This command is effectively a NOP command to the CompactFlash card and is provided for
compatibility purposes.
3.2.1.15 Request Sense - 03H
This command requests extended error information for the previous command. Table 3-9 defines the
valid extended error codes for the CompactFlash card Series product. The extended error code is
returned to the host in the Error Register.
Bit ->
76
54
32
10
Command (7)
40H or 41H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
Sector Count
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
1XH
C/D/H (6)
1LBA
1
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
03H
C/D/H (6)
1X
1
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com