Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM6201FS Datasheet(PDF) 7 Page - Rohm

Part # BM6201FS
Description  600V PrestoMOS??built-in Three phase brushless fan motor driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6201FS Datasheet(HTML) 7 Page - Rohm

Back Button BM6201FS Datasheet HTML 3Page - Rohm BM6201FS Datasheet HTML 4Page - Rohm BM6201FS Datasheet HTML 5Page - Rohm BM6201FS Datasheet HTML 6Page - Rohm BM6201FS Datasheet HTML 7Page - Rohm BM6201FS Datasheet HTML 8Page - Rohm BM6201FS Datasheet HTML 9Page - Rohm BM6201FS Datasheet HTML 10Page - Rohm BM6201FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/19
Datasheet
Datasheet
BM6201FS
TSZ02201-0828AB400010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
26.MAR.2012 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
Absolute maximum ratings
(Ta=25°C)
Ratings
Parameter
Symbol
BM6201FS
Unit
Output MOSFET
VDSS
600*
1
V
Supply voltage
VDC
-0.3 to 600*
1
V
Output voltage
VU, VV, VW
-0.3 to 600*
1
V
High side supply pin voltage
VBU, VBV, VBW
-0.3 to 600*
1
V
High side floating supply voltage
VBU-VU, VBV-VV, VBW-VW
-0.3 to 20
V
Low side supply voltage
VCC
-0.3 to 20
V
All others
VI/O
-0.3 to VCC
V
Driver outputs (DC)
IOMAX(DC)
±1.5*
2
A
Driver outputs (Pulse)
IOMAX(PLS)
±2.5*
2
A
Fault signal output
IOMAX(FOB)
5*
1
mA
Power dissipation
Pd
3.00*
3
W
Thermal resistance
Rthj-c
15
°C/W
Operating case temperature
TC
-20 to 100
°C
Storage temperature
TSTG
-55 to 150
°C
Junction temperature
Tjmax
150
°C
*1 Do not, however, exceed Pd or ASO.
*2 Pw ≤ 10µs, Duty cycle ≤ 1%
*3 Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 24mW/°C above 25°C.
Operating conditions
(Tc=25°C)
Range
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VDC
-
310
400
V
High side floating supply voltage
VBU-VU, VBV-VV, VBW-VW
13.5
15
16.5
V
Low side supply voltage
VCC
13.5
15
16.5
V
Minimum input pulse width
TMIN
0.8
-
-
µs
Dead time
TDT
1.5
-
-
µs
Shunt resistor (PGND)
RS
0.4
-
-
Ω
Junction temperature
Tj
-
-
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com