Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM6201FS Datasheet(PDF) 8 Page - Rohm

Part # BM6201FS
Description  600V PrestoMOS??built-in Three phase brushless fan motor driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6201FS Datasheet(HTML) 8 Page - Rohm

Back Button BM6201FS Datasheet HTML 4Page - Rohm BM6201FS Datasheet HTML 5Page - Rohm BM6201FS Datasheet HTML 6Page - Rohm BM6201FS Datasheet HTML 7Page - Rohm BM6201FS Datasheet HTML 8Page - Rohm BM6201FS Datasheet HTML 9Page - Rohm BM6201FS Datasheet HTML 10Page - Rohm BM6201FS Datasheet HTML 11Page - Rohm BM6201FS Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8/19
Datasheet
Datasheet
BM6201FS
TSZ02201-0828AB400010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
26.MAR.2012 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
Electrical characteristics
(Unless otherwise specified, Ta=25°C and VCC=15V)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Power supply
HS quiescence current
IBBQ
30
70
150
µA
XH=XL=L, each phase
LS quiescence current
ICCQ
0.4
0.9
1.5
mA
XH=XL=L
Output MOSFET
D-S breakdown voltage
V(BR)DSS
600
-
-
V
ID=1mA, XH=XL=L
Leak current
IDSS
-
-
100
µA
VDS=600V, XH=XL=L
DC on resistance
RDS(ON)
-
2.7
3.5
Ω
ID=0.75A
Diode forward voltage
VSD
-
1.1
1.5
V
ID=0.75A
Bootstrap diode
Leak current
ILBD
-
-
10
µA
VBX=600V
Forward voltage
VFBD
1.5
1.8
2.1
V
IBD=-5mA, including series-R
Series resistance
RBD
-
200
-
Ω
Control inputs
Input bias current
IXIN
30
50
70
µA
VIN=5V
Input high voltage
VXINH
2.5
-
VCC
V
Input low voltage
VXINL
0
-
0.8
V
UVLO
HS release voltage
VBUVH
9.5
10.0
10.5
V
VBX - VX
HS lockout voltage
VBUVL
8.5
9.0
9.5
V
VBX - VX
LS release voltage
VCCUVH
11.0
11.5
12.0
V
LS lockout voltage
VCCUVL
10.0
10.5
11.0
V
Overcurrent protection
Threshold voltage
VSNS
0.8
0.9
1.0
V
Fault output
Output low voltage
VFOL
-
-
0.8
V
IO=+10mA
Input high voltage
VFINH
2.5
-
VCC
V
Input low voltage
VFINL
0
-
0.8
V
Noise masking time
TMASK
2.0
-
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com