Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2PCIE412RUAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS2PCIE412RUAR
Description  4-CHANNEL 8:16 MULTIPLEXER/DEMULTIPLEXER PCI EXPRESS SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS2PCIE412RUAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS2PCIE412RUAR Datasheet HTML 7Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 8Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 9Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 10Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 11Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 12Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 13Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 14Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Network Analyzer
(HP8753ES)
RL = 50
EXT TRIGGER
BIAS
P1
P2
DUT
A0
SEL
0B1
VSEL
VCC
VBIAS
A1
1B2
1B1
RL = 50
Ω
Ω
2B1
3B1
A2
A3
0B2
3B2
2B2
TS2PCIE412
www.ti.com
SCDS269C – MARCH 2009 – REVISED APRIL 2010
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 9. Test Circuit for Crosstalk (XTALK)
Crosstalk is measured at the input of the nonadjacent ON channel. For example, when VSEL = 0 V and A1 is the
input, the output is measured at A3. All unused analog input (A) ports are connected to GND, and output (B)
ports are connected to GND through 50-
Ω pulldown resistors.
HP8753ES Setup
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TS2PCIE412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com