Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27SF020 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # 27SF020
Description  256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

27SF020 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button 27SF020 Datasheet HTML 3Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 4Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 5Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 6Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 7Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 8Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 9Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 10Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Data Sheet
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit Multi-Purpose Flash
SST27SF256 / SST27SF512 / SST27SF010 / SST27SF020
7
©2001 Silicon Storage Technology, Inc.
S71152-02-000
5/01
502
Note: X = VIL or VIH
VPPH = 12V±5%, VH = 12V±5%
Note: X = VIL or VIH
VPPH = 12V±5%, VH = 12V±5%
TABLE
3: OPERATION MODES SELECTION FOR SST27SF256
Mode
CE#
OE#
VPP
A9
DQ
Address
Read
VIL
VIL
VDD or VSS
AIN
DOUT
AIN
Output Disable
VIL
VIH
VDD or VSS
XHigh Z
X
Byte-Program
VIL
VIH
VPPH
AIN
DIN
AIN
Standby
VIH
XVDD or VSS
XHigh Z
X
Chip-Erase
VIL
VIH
VPPH
VH
High Z
X
Program/Erase Inhibit
VIH
XVPPH
XHigh Z
X
Product Identification
VIL
VIL
VDD or VSS
VH
Manufacturer’s ID (BFH)
Device ID (A3H)
A14 - A1 = VIL, A0 = VIL
A14 - A1 = VIL, A0 = VIH
T3.1 502
TABLE
4: OPERATION MODES SELECTION FOR SST27SF512
Mode
CE#
OE#/VPP
A9
DQ
Address
Read
VIL
VIL
AIN
DOUT
AIN
Output Disable
VIL
VIH
X
High Z
X
Program
VIL
VPPH
AIN
DIN
AIN
Standby
VIH
X
X
High Z
X
Chip-Erase
VIL
VPPH
VH
High Z
X
Program/Erase Inhibit
VIH
VPPH
X
High Z
X
Product Identification
VIL
VIL
VH
Manufacturer’s ID (BFH)
Device ID (A4H)
A15 - A1 = VIL, A0 = VIL
A15 - A1 = VIL, A0 = VIH
T4.1 502
TABLE
5: OPERATION MODES SELECTION FOR SST27SF010/020
Mode
CE#
OE#
PGM#
A9
VPP
DQ
Address
Read
VIL
VIL
XAIN
VDD or VSS
DOUT
AIN
Output Disable
VIL
VIH
XX
VDD or VSS
High Z
AIN
Program
VIL
VIH
VIL
AIN
VPPH
DIN
AIN
Standby
VIH
XX
X
VDD or VSS
High Z
X
Chip-Erase
VIL
VIH
VIL
VH
VPPH
High Z
X
Program/Erase Inhibit
VIH
XX
X
VPPH
High Z
X
Product Identification
VIL
VIL
XVH
VDD or VSS
Manufacturer’s ID (BFH)
Device ID1
1. Device ID = A5H for SST27SF010 and A6H for SST27SF020
AMS2 - A1 = VIL, A0 = VIL
AMS2 - A1 = VIL, A0 = VIH
2. AMS = Most significant address
AMS = A16 for SST27SF010 and A17 for SST27SF020
Note: X = VIL or VIH
VPPH = 12V±5%, VH = 12V±5%
T5.1 502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com