Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27SF020 Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # 27SF020
Description  256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

27SF020 Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button 27SF020 Datasheet HTML 4Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 5Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 6Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 7Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 8Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 9Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 10Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 11Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
Data Sheet
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit Multi-Purpose Flash
SST27SF256 / SST27SF512 / SST27SF010 / SST27SF020
©2001 Silicon Storage Technology, Inc.
S71152-02-000
5/01
502
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to VDD+1.0V
Voltage on A9 and VPP Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 14.0V
Package Power Dissipation Capability (Ta = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Through Hold Lead Soldering Temperature (10 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Surface Mount Lead Soldering Temperature (3 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240°C
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE
Range
Ambient Temp
VDD
VPP
Commercial
0°C to +70°C5.0V±10%
12V±5%
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . 10 ns
Output Load . . . . . . . . . . . . . . . . . CL = 100 pF for 90 ns
Output Load . . . . . . . . . . . . . . . . . CL = 30 pF for 70 ns
See Figures 11 and 12
TABLE
6: READ MODE DC OPERATING CHARACTERISTICS FOR SST27SF256/512/010/020
VDD = 5.0V±10%, VPP=VDD OR VSS (Ta = 0°C to +70°C (Commercial))
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
VDD Read Current
Address input=VIL/VIH at f=1/TRC Min
VDD=VDD Max
30
mA
CE#=OE#=VIL, all I/Os open
IPPR
VPP Read Current
Address input=VIL/VIH at f=1/TRC Min
VDD=VDD Max, VPP=VDD
100
µA
CE#=OE#=VIL, all I/Os open
ISB1
Standby VDD Current
(TTL input)
3mA
CE#=VIH, VDD=VDD Max
ISB2
Standby VDD Current
(CMOS input)
100
µA
CE#=VDD-0.3
VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VIH
Input High Voltage
2.0
VDD+0.5
V
VDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=2.1 mA, VDD=VDD Min
VOH
Output High Voltage
2.4
V
IOH=-400 µA, VDD=VDD Min
IH
Supervoltage Current for A9
100
µA
CE#=OE#=VIL, A9=VH Max
T6.3 502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com