Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1GX04MDRLREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC1GX04MDRLREP
Description  CRYSTAL OSCILLATOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC1GX04MDRLREP Datasheet(HTML) 4 Page - Texas Instruments

  CLVC1GX04MDRLREP Datasheet HTML 1Page - Texas Instruments CLVC1GX04MDRLREP Datasheet HTML 2Page - Texas Instruments CLVC1GX04MDRLREP Datasheet HTML 3Page - Texas Instruments CLVC1GX04MDRLREP Datasheet HTML 4Page - Texas Instruments CLVC1GX04MDRLREP Datasheet HTML 5Page - Texas Instruments CLVC1GX04MDRLREP Datasheet HTML 6Page - Texas Instruments CLVC1GX04MDRLREP Datasheet HTML 7Page - Texas Instruments CLVC1GX04MDRLREP Datasheet HTML 8Page - Texas Instruments CLVC1GX04MDRLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Operating Characteristics
SN74LVC1GX04-EP
CRYSTAL OSCILLATOR DRIVER
SGDS029 – SEPTEMBER 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 μA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
VI = 5.5 V or GND
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 μA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
VI = 5.5 V or GND
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.63
IOL = 32 mA
4.5 V
0.70
II
X1
VI = 5.5 V or GND
0 to 5.5 V
±5
μA
Ioff
X1, Y
VI or VO = 5.5 V
0
±10
μA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
μA
Ci
VI = VCC or GND
3.3 V
7
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 2)
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
X2
0.8
3.7
0.8
3.2
tpd
X1
ns
Y(1)
2
7.8
2
5
(1)
X2 – no external load
TA = 25°C
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
24
35
pF
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1GX04-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com