Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5000 Datasheet(PDF) 3 Page - Texas Instruments

Part # 5000
Description  TPS75005EVM-023
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 3 Page - Texas Instruments

  5000 Datasheet HTML 1Page - Texas Instruments 5000 Datasheet HTML 2Page - Texas Instruments 5000 Datasheet HTML 3Page - Texas Instruments 5000 Datasheet HTML 4Page - Texas Instruments 5000 Datasheet HTML 5Page - Texas Instruments 5000 Datasheet HTML 6Page - Texas Instruments 5000 Datasheet HTML 7Page - Texas Instruments 5000 Datasheet HTML 8Page - Texas Instruments 5000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
Setup
2.2
Jumper Description
JP1: EN
This jumper enables or disables the LDO outputs. When the jumper is connected between EN and ON,
the power-on sequence is triggered. When it is connected between EN and OFF, the power-down
sequence is triggered.
JP2: VSET
This jumper sets the LDO-1 output voltage setting. When the jumper is installed, LDO-1 is set to 1.9 V.
When the jumper is not installed, LDO-1 is set to 1.8 V.
JP3: SEQ
This jumper connects the sequence select pin to either logic high or low. When no jumper is installed,
the start-up sequence powers up LDO-1 first and LDO-2 second. The shutdown sequence powers
down LDO-2 first and then LDO-1. When the jumper is installed, the start-up sequence powers up
LDO-2 first and then LDO-1; the shutdown sequence powers down LDO-1 first, followed by LDO-2.
2.3
Test Points
TP1: VDET
This test point is connected to the output of the voltage detector that is monitoring the voltage at the
EXT SVS input. When the voltage at EXT SVS drops below approximately 2.35 V, VDET will be logic
low. When the voltage at EXT SVS is above approximately 2.4 V, VDET will be logic high. This
operates independently of the two LDOs and is not enabled or disabled by EN.
TP2: PG
This test point monitors the voltage at the Power-Good output. When VOUT1 and VOUT2 are both
above the respective supervisory threshold voltage for each LDO (V
SVS1 = 1.88 or 1.78 and VSVS2 =
3.26), PG outputs logic high. If either VOUT1 or VOUT2 falls below its supervisory threshold, then PG
outputs logic low.
TP3: ERR
This test point is connected to the error output. If any error occurs, then ERR drops to logic low. In the
absence of errors, ERR stays at logic high. There are three types of errors that trigger ERR: thermal
shutdown, undervoltage lockout, and current limit.
Thermal Shutdown
Thermal shutdown occurs when the internal junction temperature rises above +160
°C. In this case,
ERR only returns to logic high when the temperature drops below +140
°C.
Undervoltage Lockout (UVLO)
Undervoltage lockout occurs when VIN drops below 3.6 V. While VIN stays below 3.6 V, ERR is at
logic low. Once VIN rises above 3.6 V, ERR rises to logic high.
Current Limit
If either LDO output current limits, then an error occurs. The current limit for LDO-1 is between
750 mA to 1150 mA, while the current limit for LDO-2 is between 700 mA and 1000 mA.
NOTE:
The name of pin 11 has changed from ERR to TEST on the datasheet.
TP4: VSET
This test point monitors the VSET logic input to the integrated circuit (IC). VSET determines the output
voltage of LDO-1. Logic high sets VOUT1 to 1.9 V, and logic low sets VOUT1 to 1.8 V. Installing JP2
increases VSET from logic low to logic high.
TP5: SEQ
This test point is connected to the SEQ input. It is either logic high or low, depending on whether
jumper JP3 is installed or not.
3
SBVU019A
– October 2011 – Revised October 2011
TPS75005EVM-023
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com