Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5000 Datasheet(PDF) 5 Page - Texas Instruments

Part # 5000
Description  TPS75005EVM-023
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 5 Page - Texas Instruments

  5000 Datasheet HTML 1Page - Texas Instruments 5000 Datasheet HTML 2Page - Texas Instruments 5000 Datasheet HTML 3Page - Texas Instruments 5000 Datasheet HTML 4Page - Texas Instruments 5000 Datasheet HTML 5Page - Texas Instruments 5000 Datasheet HTML 6Page - Texas Instruments 5000 Datasheet HTML 7Page - Texas Instruments 5000 Datasheet HTML 8Page - Texas Instruments 5000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
200
s/div
m
EN
PG
VOUT1
VOUT2
5 ms/div
EN
PG
VOUT1
VOUT2
I
OUT
VOUT2
50
s/div
m
I
OUT
VOUT1
20
s/div
m
www.ti.com
Test Results
4
Test Results
This section provides typical performance waveforms for the TPS75005EVM-023 PCB. These tests were
performed with VIN = 5 V.
4.1
Start-Up and Shutdown Sequence
Figure 1 and Figure 2 show the start-up and shutdown sequence, respectively, when JP3 is not installed.
If JP3 is installed, then VOUT1 and VOUT2 swap the order in which they turn on and off. For these tests,
VIN = 5.0 V, with no load. The start-up ramps of VOUT1 and VOUT2 can be adjusted by modifying C6
and C5, respectively.
Figure 1. Start-Up Sequence, SEQ Set to Logic Low
Figure 2. Shutdown Sequence, SEQ Set to Logic Low
4.2
Output Load Transient
Figure 3 and Figure 4 show the load transient responses of LDO-1 and LDO-2, respectively, for a load
step from 10 mA to 500 mA. VIN is set at 5.0 V. Figure 3 shows the load transient response at VOUT1 of
LDO-1 when VOUT1 is set to 1.8 V. Figure 4 shows the load transient response at VOUT2 of LDO-2.
Figure 3. Load Step and Transient Response of
Figure 4. Load Step and Transient Response of LDO-2
LDO-1, VSET Set to Logic Low
5
SBVU019A
– October 2011 – Revised October 2011
TPS75005EVM-023
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com