Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4232 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4232
Description  IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4232 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4232 Datasheet HTML 1Page - OSRAM GmbH SFH4232 Datasheet HTML 2Page - OSRAM GmbH SFH4232 Datasheet HTML 3Page - OSRAM GmbH SFH4232 Datasheet HTML 4Page - OSRAM GmbH SFH4232 Datasheet HTML 5Page - OSRAM GmbH SFH4232 Datasheet HTML 6Page - OSRAM GmbH SFH4232 Datasheet HTML 7Page - OSRAM GmbH SFH4232 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SFH 4232
2009-09-08
5
Relative spektrale Emission
Relative Spectral Emission
I
rel = f (λ)
Max. zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TA), RthJS = 9 K/W
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ
0
0
˚C
T
IF
A
OHF03863
S
20
40
60
80
120
0.2
0.4
0.6
0.8
1.2
1.0
Durchlassstrom
Forward Current
I
F = f (VF)
Single pulse,
t
p = 100 μs
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling
Capability
I
F = f (tp), TS = 85 °C,
Duty cycle
D = parameter
OHF03847
VF
0
10
10
1
10
-1
10
-2
F
I
A
0V
0.5
1
1.5
2
2.5
0
-5
F
I
A
tp
s
OHF04177
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
IF
0.01
0.33
0.5
0.2
0.1
0.02
D
0.005
=
0.05
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.5
1
Relativer Gesamtstrahlungsfluss
Relative Total Radiant Flux
Φ
e/Φe(1000mA) = f (IF)
Single pulse,
t
p = 100 μs
OHF03848
10
-3
A
10
1
0
10
5
5
10
-1
-2
5
10
I
F
10
10
0
10
1
10
55
-2
-1
Φ (1 A)
Φ
e
e



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com