Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POE240U-2MP-N-R Datasheet(PDF) 38 Page - Phihong USA Inc.

Part # POE240U-2MP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE240U-2MP-N-R Datasheet(HTML) 38 Page - Phihong USA Inc.

Back Button POE240U-2MP-N-R Datasheet HTML 34Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 35Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 36Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 37Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 38Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 39Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 40Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 41Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 42Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-38-
Operation:
Notifications occur whenever a port status is changed.
Connecting or disconnecting a powered device while the unit is “ON”, or turning portxCtr ON or OFF
will cause a SNMP Trap Ringer Console window to pop up displaying the change. Click an individual
trap event on the left side of the window, the detailed trap info will display on the right. Checking the
Pause checkbox will stop trap reporting and un-checking it resume trap reporting. To clear the Trap
Ringer Console, click the second icon from the left.
Notes:
If the TRAP receiver IP address is properly set but no notifications are received, a probable cause is
that the Windows Firewall is blocking the TRAP UDP Port 162. To open this TRAP port, execute:
Start » Control Panel » Windows Firewall » then select <Exceptions>. If the Firewall is ON, click <Add
Port…> button, check radio button <UDP>, enter a Name (for example: SNMP TRAP) and set the port
number as 162.
Also check any other firewall on your network that might be blocking the network traffic on UDP Port
162.
Figure 31: Trap Ringer Console (Notification)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com