Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POE240U-2MP-N-R Datasheet(PDF) 19 Page - Phihong USA Inc.

Part # POE240U-2MP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE240U-2MP-N-R Datasheet(HTML) 19 Page - Phihong USA Inc.

Back Button POE240U-2MP-N-R Datasheet HTML 15Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 16Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 17Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 18Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 19Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 20Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 21Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 22Page - Phihong USA Inc. POE240U-2MP-N-R Datasheet HTML 23Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-19-
Model Name:
This can be found in the upper left corner of the Port Control page.
Heartbeat:
The Heartbeat is a diagnostic tool to assess the quality of the connection between the midspan and
the network. A blinking blue “Communication Okay” will indicate that the midspan is connected to
the network and that data is being relayed correctly. Should a fault occur with the connection; the
blinking will stop and a solid red “Communication Lost” will appear on the screen.
Hostname, IP address, Firmware version and MAC address display:
These can be found on the first row of the table located in the middle of the Port Control Page.
Menu:
The menu on the left side of webpage consists of Port Control and Configuration Settings including:
Administrative Management, Network, SNMP, System Tools and Logout. These will be explained in
detail later in this manual.
Help Info:
Located in the lower right hand corner of the screen, users may click the Help Info icon to obtain
contact information for technical support. Users may also find support documents and contact
information on www.midspans.com and www.phihong.com.
Print Tools:
To the left of the Help Info icon is the Print Tools icon. Clicking on this icon will print the current
webpage. The default printer must be on the same network as the midspan in order to use this
function.
Phihong webpage:
Clicking on any of the Phihong logos will link directly to www.phihong.com, where the detailed
information for all Phihong products, including support information and datasheets, can be found.
Port Monitoring and Control:
At the center of the Port Control webpage, there is a table for the user to monitor and control port
status.
•
Click on the control button “On” in each row, the corresponding port Output-LED will be turned
on if connected to a valid load, or it will display “No Connection”.
•
Click on the control button “Off” in each row, the corresponding port Output-LED will be turned
off.
•
Click on the control button “Cycle” in each row to reset that port, if the corresponding port Output-
LED is already on (or No Connection), it will be turned off for several seconds and then turned on
again (or No Connection). If the Output-LED is off, it will be turned on (or No Connection).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com