| Electronic Components Datasheet Search |
|
TNETE100PM Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE100PM Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 27 page ![]() ThunderLAN ™ TNETE100PM PCI ETHERNET ™ CONTROLLER WITH POWER MANAGEMENT SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN SPWS026 – OCTOBER 1996 1 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 D Single-Chip Ethernet™ Controller for the Peripheral Component Interconnect (PCI) Local Bus – 32-Bit PCI† Glueless Host Interface – Compliant With PCI Local-Bus Specification (Revision 2.1) – 0-MHz to 33-MHz Operation – 3-V or 5-V I/O Operation – Adaptive Performance Optimization ™ (APO) by Texas Instruments (TI ™) for Highest Available PCI Bandwidth – High-Performance Bus Master Architecture With Byte-Aligning Direct Memory Access (DMA) Controller for Low Host CPU and Bus Utilization – Plug-and-Play Compatible D Supports 32-Bit Data Streaming on PCI Bus – Time-Division Multiplexed Static Random-Access Memory (SRAM) – 2-Gbps Internal Bandwidth D Driver Compatible With All Previous ThunderLAN ™ Components D Switched-Ethernet Compatible D Full-Duplex Compatible – Independent Transmit and Receive Channels – Two Transmit Channels for Demand Priority D Supports Multiple Protocols With a Single Driver Suite Optimized Shared Interrupts D No On-Board Memory Required D Auto-Negotiation (N-Way) Compatible D Multimedia-Ready Architecture D Supports the Card-Bus Card Information Structure (CIS) Pointer Register D Early-Receive-Interrupt Count Register D EEPROM Interface Supports Jumperless Design and Autoconfiguration D Hardware Statistics Registers for Management-Information Base (MIB) D Desktop Management Task Force (DMTF) Compatible D Integrated 10 Base-T, and 10 Base-5 Attachment Unit Interface (AUI) Physical Layer Interface – Single-Chip IEEE 802.3 and Blue Book Ethernet-Compliant Solution – DSP-Based Digital Phase-Locked Loop – Smart Squelch Allows for Transparent Link Testing – Transmission Waveshaping – Autopolarity (Reverse Polarity Correction) – External/Internal Loopback Including Twisted Pair and AUI – 10 Base-2 Supported Through AUI Interface D Media-Independent Interface (MII) for Connecting 100-Mbps External Transceivers – Compliant MII for IEEE 802.3u Transceivers – Supports 100 Base-TX, 100 Base-T4, 100 Base-FX – Super Set Supports IEEE 802.12 Transceivers – Supports Ethernet and Token-Ring Framing Formats for 100VG-AnyLAN – Link-Pulse Detection for Determining Wire Rate D Low-Power CMOS Technology – Green PC Compatible D Magic Packet™ Remote Wake-Up Scheme D Microsoft™ Advanced Power Management – PCI Specification Compatible for Low Power / Sleep Mode – Advanced Configuration and Power Interface (ACPI) D IEEE Standard 1149.1‡ Test-Access Port (JTAG) D 144-Pin Thin Quad Flat Packages and Quad Flat Packages (PCM and PGE) Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. ADVANCE INFORMATION concerns new products in the sampling or preproduction phase of development. Characteristic data and other specifications are subject to change without notice. Copyright © 1996, Texas Instruments Incorporated † The PCI Local-Bus Specification, Revision 2.1 should be used as a reference with this document. ‡ IEEE Standard 1149.1–1990, IEEE Standard Test-Access Port and Boundary-Scan Architecture Ethernet is a registered trademark of Xerox Corporation. Magic Packet is a trademark of Advanced Micro Devices (AMD). Microsoft is a registered trademark of Microsoft Corp. ThunderLAN, Adaptive Performance Optimization, and TI are trademarks of Texas Instruments Incorporated. |
Similar Part No. - TNETE100PM |
|
Similar Description - TNETE100PM |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |