Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE110A Datasheet(PDF) 19 Page - Texas Instruments

Part # TNETE110A
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110A Datasheet(HTML) 19 Page - Texas Instruments

Back Button TNETE110A Datasheet HTML 15Page - Texas Instruments TNETE110A Datasheet HTML 16Page - Texas Instruments TNETE110A Datasheet HTML 17Page - Texas Instruments TNETE110A Datasheet HTML 18Page - Texas Instruments TNETE110A Datasheet HTML 19Page - Texas Instruments TNETE110A Datasheet HTML 20Page - Texas Instruments TNETE110A Datasheet HTML 21Page - Texas Instruments TNETE110A Datasheet HTML 22Page - Texas Instruments TNETE110A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ThunderLAN
™ TNETE110A
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS022A – APRIL 1996 – REVISED NOVEMBER 1996
19
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
timing requirements, BIOS ROM and LED interface (see Figure 3 and Figure 7)
MIN
MAX
UNIT
tsu
Setup time, data
250
ns
th
Hold time, data
0
ns
switching characteristics, BIOS ROM and LED interface (see Figure 7)
PARAMETER
MIN
MAX
UNIT
td(EADV-EXLEL)
Delay time, address high byte valid to EXLE low (address high byte setup time for external
latch)
0
ns
td(EXLEL-EADZ)
Delay time, EXLE low to address high byte invalid (address high byte hold time for external
latch)
10
ns
td(EADV-EALEL)
Delay time, address low byte valid to EALE low (address low byte setup time for external latch)
0
ns
td(EALEL-EADZ)
Delay time, EALE low to address low byte invalid (address low byte hold time for external latch)
10
ns
ta
Access time, address
288
ns
† The EPROM interface, consisting of 11 pins, requires only two TTL ’373 latches to latch the high and low addresses.
td(EADV-EXLEL)
EAD[7:0]
EXLE
EALE
EOE
td(EXLEL-EADZ)
ta
tsu
th
Data
td(EALEL-EADZ)
High
Address
Low
Address
td(EADV-EALEL)
Figure 7. BIOS ROM and LED Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com