Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE110A Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETE110A
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110A Datasheet(HTML) 1 Page - Texas Instruments

  TNETE110A Datasheet HTML 1Page - Texas Instruments TNETE110A Datasheet HTML 2Page - Texas Instruments TNETE110A Datasheet HTML 3Page - Texas Instruments TNETE110A Datasheet HTML 4Page - Texas Instruments TNETE110A Datasheet HTML 5Page - Texas Instruments TNETE110A Datasheet HTML 6Page - Texas Instruments TNETE110A Datasheet HTML 7Page - Texas Instruments TNETE110A Datasheet HTML 8Page - Texas Instruments TNETE110A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
ThunderLAN
™ TNETE110A
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS022A – APRIL 1996 – REVISED NOVEMBER 1996
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Single-Chip Ethernet™ Adapter for the
Peripheral Component Interconnect (PCI)
Local Bus
– 32-Bit PCIGlueless Host Interface
– Compliant With PCI Local-Bus
Specification (Revision 2.0)
– 33-MHz Operation
– 3-V or 5-V I/O Operation
– Adaptive Performance Optimization
(APO) by Texas Instruments (TI
™) for
Highest Available PCI Bandwidth
– High-Performance Bus Master
Architecture With Byte-Aligning DMA
Controller for Low Host CPU and Bus
Utilization
– Plug-and-Play Compatible
D Supports 32-Bit Data Streaming on PCI Bus
– Time Division Multiplexed SRAM
– 2-Gbps Internal Bandwidth
D Driver Compatible With All Previous
ThunderLAN Components
D Switched-Ethernet Compatible
D Full-Duplex Compatible With Independent
Transmit and Receive Channels
D No On-Board Memory Required
D Auto-Negotiation (N-Way) Compatible
D Supports the Card Bus CIS Pointer
Register
D Integrated 10 Base-T, and 10 Base-5
Attachment Unit Interface (AUI) Physical
Layer Interface
– Single-Chip IEEE 802.3 and Blue Book
Ethernet-Compliant Solution
– DSP-Based Digital Phase-Locked Loop
– Smart Squelch Allows for Transparent
Link Testing
– Transmission Waveshaping
– Autopolarity (Reverse Polarity
Correction)
– External/Internal Loopback Including
Twisted Pair and AUI
– 10 Base-2 Supported Via AUI Interface
D Low-Power CMOS Technology
– Green PC Compatible
– Microsoft
™ Advanced Power
Management
D EEPROM Interface Supports Jumperless
Design and Autoconfiguration
D Hardware Statistics Registers for
Management Information Base (MIB)
D DMTF (Desktop Management Task Force)
Compatible
D IEEE Standard 1149.1Test Access Port
(JTAG)
D 144-Pin Quad Flat Packages (PCM Suffix)
and Thin Quad Flat Packages (PGE Suffix)
PCI
Bus
PCI
Bus Master
Control
FIFO
Registers
Multiplexed
SRAM
FIFO
Ethernet
LAN
Controller
10 Mbps
10 Base-T
Physical
Layer
Interface
10 Base-T
Ethernet
10 Base-5
(AUI)
Figure 1. ThunderLAN Architecture
Copyright
© 1996, Texas Instruments Incorporated
† The PCI Local-Bus Specification, Revision 2.0 should be used as a reference with this document.
‡ IEEE Standard 1149.1–1990, IEEE Standard Test-Access Port and Boundary-Scan Architecture
ThunderLAN, Adaptive Performance Optimization, and TI are trademarks of Texas Instruments Incorporated.
Ethernet is a trademark of Xerox Corporation.
Microsoft is a trademark of Microsoft Corporation.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TNETE110A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE110 TI1-TNETE110 Datasheet
347Kb / 24P
PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
TNETE110PCE TI1-TNETE110PCE Datasheet
347Kb / 24P
PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
TNETE110PM TI1-TNETE110PM Datasheet
380Kb / 26P
PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
More results

Similar Description - TNETE110A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C978 AMD-AM79C978 Datasheet
3Mb / 261P
Single-Chip 1/10 Mbps PCI Home Networking Controller
logo
Broadcom Corporation.
BCM5700 BOARDCOM-BCM5700 Datasheet
154Kb / 1P
PCI - X 10/100/1000 BASE -T CONTROLLER
logo
Advanced Micro Devices
AM79C978A AMD-AM79C978A Datasheet
3Mb / 256P
Single-Chip 1/10 Mbps PCI Home Networking Controller
logo
Texas Instruments
TNETE100 TI1-TNETE100 Datasheet
374Kb / 26P
PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLANE
TNETE100A TI1-TNETE100A Datasheet
387Kb / 26P
PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
TNETE100PM TI1-TNETE100PM Datasheet
400Kb / 27P
PCI ETHERNETE CONTROLLER WITH POWER MANAGEMENT SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
TNETE110 TI1-TNETE110 Datasheet
347Kb / 24P
PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
TNETE110PM TI1-TNETE110PM Datasheet
380Kb / 26P
PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
TNETE100APCM TI1-TNETE100APCM Datasheet
363Kb / 26P
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
TNETE100PMPGE TI-TNETE100PMPGE Datasheet
351Kb / 26P
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLANE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com